Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4755 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC4755
Description  Silicon NPN Epitaxial Planar Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC4755 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC4755 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC4755 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Transistors
2SC4755
hFE Classification
Marking
Rank
P
Q
R
hFE
40
80
60
120
90
200
DV
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cutoff current
ICBO
VCB = 10V, IE =0
0.1
ìA
Emitter cutoff current
IEBO
VEB =4V, IC =0
0.1
ìA
Forward current transfer ratio
hFE
VCE =1V, IC = 10mA
40
200
Collector-emitter saturation voltage
VCE(sat) IC = 10mA, IB = 1mA
0.17
0.25
V
Base-emitter saturation voltage
VBE(sat) IC = 10mA, IB = 1mA
0.76
1.0
V
Transition frequency
fT
VCB = 10V, IE = -10mA, f = 200MHz
200
500
MHz
Collector output capacitance
Cob
VCB = 10V, IE = 0, f = 1MHz
2
4
pF
Turn-on time
ton
17
ns
Turn-off time
toff
15
ns
Storage time
tstg
7ns



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com