Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1952IGNTR Datasheet(PDF) 2 Page - Linear Technology

Part # LT1952IGNTR
Description  Single Switch Synchronous Forward Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1952IGNTR Datasheet(HTML) 2 Page - Linear Technology

  LT1952IGNTR Datasheet HTML 1Page - Linear Technology LT1952IGNTR Datasheet HTML 2Page - Linear Technology LT1952IGNTR Datasheet HTML 3Page - Linear Technology LT1952IGNTR Datasheet HTML 4Page - Linear Technology LT1952IGNTR Datasheet HTML 5Page - Linear Technology LT1952IGNTR Datasheet HTML 6Page - Linear Technology LT1952IGNTR Datasheet HTML 7Page - Linear Technology LT1952IGNTR Datasheet HTML 8Page - Linear Technology LT1952IGNTR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT1952/LT1952-1
2
19521fd
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN (Note 8) ...............................................–0.3V to 25V
SYNC, SS_MAXDC, SD_VSEC, ISENSE, OC ....– 0.3V to 6V
COMP, BLANK, DELAY............................... –0.3V to 3.5V
FB ................................................................– 0.3V to 3V
ROSC..................................................................... –50μA
VREF ....................................................................–10mA
Operating Junction Temperature Range
(Notes 2, 5)............................................–40°C to 125°C
Storage Temperature Range...................–65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
GN PACKAGE
16-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
COMP
FB
ROSC
SYNC
SS_MAXDC
VREF
SD_VSEC
GND
SOUT
VIN
OUT
PGND
DELAY
OC
ISENSE
BLANK
TJMAX = 125°C, θJA = 110°C/W, θJC = 40°C/W
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1952EGN#PBF
LT1952EGN#TRPBF
1952
16-Lead Plastic SSOP
–40°C to 125°C
LT1952IGN#PBF
LT1952IGN#TRPBF
1952I
16-Lead Plastic SSOP
–40°C to 125°C
LT1952EGN-1#PBF
LT1952EGN-1#TRPBF
19521
16-Lead Plastic SSOP
–40°C to 125°C
LT1952IGN-1#PBF
LT1952IGN-1#TRPBF
1952I1
16-Lead Plastic SSOP
–40°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1952EGN
LT1952EGN#TR
1952
16-Lead Plastic SSOP
–40°C to 125°C
LT1952IGN
LT1952IGN#TR
1952I
16-Lead Plastic SSOP
–40°C to 125°C
LT1952EGN-1
LT1952EGN-1#TR
19521
16-Lead Plastic SSOP
–40°C to 125°C
LT1952IGN-1
LT1952IGN-1#TR
1952I1
16-Lead Plastic SSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PWM CONTROLLER
Operational Input Voltage
I(VREF) = 0μA
l
VIN OFF
25
V
VIN Quiescent Current
I(VREF) = 0μA, ISENSE = OC = Open
5.2
6.5
mA
VIN Start-up Current (LT1952)
FB = 0V, SS_MAXDC = 0V (Notes 4, 9)
l
460
700
μA
VIN Start-up Current (LT1952-1)
FB = 0V, SS_MAXDC = 0V (Notes 4, 9)
l
400
575
μA
VIN Shutdown Current
SD_VSEC = 0V
240
350
μA
SD_VSEC Threshold
10V < VIN < 25V
l
1.261
1.32
1.379
V
SD_VSEC (ON) Current
SD_VSEC = SD_VSEC Threshold + 100mV
0
μA
SD_VSEC (OFF) Current
SD_VSEC = SD_VSEC Threshold – 100mV
8.3
10
11.7
μA
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. COMP = open, FB = 1.4V, ROSC = 178k, SYNC = 0V, SS_MAXDC = VREF, VREF
= 0.1μF, SD_VSEC = 2V, BLANK = 121k, DELAY = 121k, ISENSE = 0V, OC = 0V, OUT = 1nF, VIN = 15V, SOUT = open, unless otherwise specified.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com