Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4422EPA Datasheet(PDF) 2 Page - TelCom Semiconductor, Inc

Part # TC4422EPA
Description  9A HIGH-SPEED MOSFET DRIVERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC4422EPA Datasheet(HTML) 2 Page - TelCom Semiconductor, Inc

  TC4422EPA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC4422EPA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC4422EPA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC4422EPA Datasheet HTML 4Page - TelCom Semiconductor, Inc TC4422EPA Datasheet HTML 5Page - TelCom Semiconductor, Inc TC4422EPA Datasheet HTML 6Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
4-232
TELCOM SEMICONDUCTOR, INC.
9A HIGH-SPEED MOSFET DRIVERS
TC4421
TC4422
ELECTRICAL CHARACTERISTICS: T
A = 25°C with 4.5V ≤ VDD ≤ 18V unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Input
VIH
Logic 1 Input Voltage
2.4
1.8
—
V
VIL
Logic 0 Input Voltage
—
1.3
0.8
V
IIN
Input Current
0V
≤ VIN ≤ VDD
– 10
—
10
µA
Output
VOH
High Output Voltage
See Figure 1
VDD – 0.025
—
—
V
VOL
Low Output Voltage
See Figure 1
—
—
0.025
V
RO
Output Resistance, High
VDD = 18V, IO = 10 mA
—
1.4
—
Ω
RO
Output Resistance, Low
VDD = 18V, IO = 10 mA
—
0.9
1.7
Ω
IPK
Peak Output Current
VDD = 18V
—
9
—
A
IDC
Continuous Output Current
10V
≤ VDD ≤ 18V, TC = 25°
2A
(TC4421/22 CAT only)
IREV
Latch-Up Protection
Duty Cycle
≤ 2%
>1500
—
—
mA
Withstand Reverse Current
t
≤ 300 µsec
Switching Time (Note 1)
tR
Rise Time
Figure 1, CL = 10,000 pF
—
60
75
nsec
tF
Fall Time
Figure 1, CL = 10,000 pF
—
60
75
nsec
tD1
Delay Time
Figure 1
—
30
60
nsec
tD2
Delay Time
Figure 1
—
33
60
nsec
Power Supply
IS
Power Supply Current
VIN = 3V
—
0.2
1.5
mA
VIN = 0V
—
55
150
µA
VDD
Operating Input Voltage
4.5
—
18
V
Input
VIH
Logic 1 Input Voltage
2.4
—
—
V
VIL
Logic 0 Input Voltage
—
—
0.8
V
IIN
Input Current
0V
≤ VIN ≤ VDD
– 10
—
10
µA
ABSOLUTE MAXIMUM RATINGS*
Power Dissipation, TA ≤ 70°C
PDIP .................................................................. 730W
CerDIP ............................................................ 800mW
5-Pin TO-220 ...................................................... 1.6W
Power Dissipation, TA ≤ 70°C
5-Pin TO-220 (With Heat Sink) ......................... 1.60W
Derating Factors (To Ambient)
PDIP ............................................................. 8mW/
°C
CerDIP ....................................................... 6.4mW/
°C
5-Pin TO-220 .............................................. 12mW/
°C
Thermal Impedance (To Case)
5-Pin TO-220 RQJ-C ..................................................... 10°C/W
Storage Temperature ............................ – 65
°C to +150°C
Operating Temperature (Chip) ................................ 150
°C
Operating Temperature (Ambient)
C Version ............................................... 0
°C to +70°C
E Version .......................................... – 40
°C to +85°C
M Version ....................................... – 55
°C to +125°C
Lead Temperature (10 sec) ..................................... 300
°C
Supply Voltage ............................................................20V
Input Voltage .......................... (VDD + 0.3V) to (GND - 5V)
Input Current (VIN > VDD) ........................................50 mA
*Static-sensitive device. Unused devices must be stored in conductive
material. Protect devices from static discharge and static fields. Stresses
above those listed under "Absolute Maximum Ratings" may cause perma-
nent damage to the device. These are stress ratings only and functional
operation of the device at these or any other conditions above those
indicated in the operation sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com