Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4543 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC4543
Description  Silicon NPN Epitaxial Planar Type
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC4543 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC4543 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
Silicon NPN Epitaxial Planar Type
2SC4543
Features
High transition frequency fT
Small collector output capacitance cob
Wide current range.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
110
V
Collector-emitter voltage
VCER *
100
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
3.5
V
Peak collector current
ICP
300
mA
Collector current
IC
150
mA
Collector power dissipation
PC
1.0
W
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
*REB=1.2KÙ
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cutoff current
ICEO
VCE =35V, IB =0
10
ìA
Collector-base voltage
VCBO
IC =100 ìA, IE =0
110
V
Collector-emitter voltage
VCER
IC =500 ìA, RBE =470Ù
100
V
Collector-emitter voltage
VCEO
IC =1mA, IB =0
50
V
Emitter-base voltage
VEBO
IE = 100 ìA, IC =0
3.5
V
Forward current transfer ratio
hFE
VCE =5V, IC = 100 mA
20
?
Collector-emitter saturation voltage
VCE(sat) IC =150 mA, IB =15mA
0.5
V
fT1
VCB =10V, IE = -10 mA, f = 200 MHz
300
MHz
fT2
VCB =10V, IE = -110 mA, f = 200 MHz
350
MHz
Collector output capacitance
Cob
VCB =30V, IE = 0,f= 1 MHz
3
pF
*REB=1.2KÙ
Transition frequency
Marking
Marking
1F


Similar Part No. - 2SC4543

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC4543 PANASONIC-2SC4543 Datasheet
36Kb / 2P
Silicon NPN epitaxial planer type(For video amplifier)
More results

Similar Description - 2SC4543

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1752 PANASONIC-2SD1752 Datasheet
57Kb / 3P
Silicon NPN epitaxial planar type
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
2SC5848 PANASONIC-2SC5848 Datasheet
438Kb / 3P
Silicon NPN epitaxial planar type
XN06543 PANASONIC-XN06543 Datasheet
89Kb / 3P
Silicon NPN epitaxial planar type
logo
Toshiba Semiconductor
2SC2347 TOSHIBA-2SC2347_03 Datasheet
150Kb / 4P
Silicon NPN Epitaxial Planar Type
2SC2290A TOSHIBA-2SC2290A_07 Datasheet
192Kb / 4P
SILICON NPN EPITAXIAL PLANAR TYPE
logo
Guangdong Kexin Industr...
2SD1824 KEXIN-2SD1824 Datasheet
45Kb / 1P
Silicon NPN Epitaxial Planar Type
2SD814 KEXIN-2SD814 Datasheet
37Kb / 1P
Silicon NPN Epitaxial Planar Type
2SC3125 KEXIN-2SC3125 Datasheet
35Kb / 1P
Silicon NPN Epitaxial Planar Type
2SD1820A KEXIN-2SD1820A Datasheet
46Kb / 1P
Silicon NPN Epitaxial Planar Type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com