Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC520ACPD Datasheet(PDF) 7 Page - TelCom Semiconductor, Inc

Part # TC520ACPD
Description  SERIAL INTERFACE ADAPTER FOR TC500 A/D CONVERTER FAMILY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC520ACPD Datasheet(HTML) 7 Page - TelCom Semiconductor, Inc

  TC520ACPD Datasheet HTML 1Page - TelCom Semiconductor, Inc TC520ACPD Datasheet HTML 2Page - TelCom Semiconductor, Inc TC520ACPD Datasheet HTML 3Page - TelCom Semiconductor, Inc TC520ACPD Datasheet HTML 4Page - TelCom Semiconductor, Inc TC520ACPD Datasheet HTML 5Page - TelCom Semiconductor, Inc TC520ACPD Datasheet HTML 6Page - TelCom Semiconductor, Inc TC520ACPD Datasheet HTML 7Page - TelCom Semiconductor, Inc TC520ACPD Datasheet HTML 8Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
3-45
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
Figure 3. Typical System Application
LOAD
LOAD VALUE updated
and conversion started
TC520A CONVERSION STATE
CE
AZ
INT
IZ
DINT
AZ
INT
INT
DINT
IZ
AZ
DIN, DCLK
DV
LOAD VALUE
shift into
DIN
Figure 2. Load Value Modify Cycle
INT
CAZ
BUF
IN+
IN–
REF+
REF–
COM
1
4
3
V+
CMPTR
B
A
CR–
CR+
GND
V
OSCOUT
V+
LOAD
READ
DCLK
DIN
DOUT
CINT
CAZ
RINT
100k
TC05
ANALOG GROUND
.01
µ
.01
µ
11
10
9
8
5
100k
16
OSCIN
CMPTR
B
A
DV
CE
GND
14
13
12
6
7
15
2
DGND
2
14
13
5
4
CRYSTAL
6
7
3
CREF
12
8
10
11
9
TC520A
TC500
+5V
SI
VIN-
VIN+
SO
SK
RD
LD
10k
DV
CE
1
–5V
TC520A
SERIAL INTERFACE ADAPTER FOR
TC500 A/D CONVERTER FAMILY



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com