Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC849 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BC849
Description  NPN General Purpose Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BC849 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BC849 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BC849 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Transistors
BC849, BC850
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
IE =0; VCB = 30 V
15
nA
IE =0; VCB =30V; Tj = 150 °C5
ìA
emitter cut-off current
IEBO
IC =0; VEB = 5 V
100
nA
DC current gain
BC849B; BC850B
240
BC849C; BC850C
450
DC current gain
BC849B; BC850B
200
290
450
BC849C; BC850C
420
520
800
IC =10mA; IB = 0.5 mA
90
250
mV
IC = 100 mA; IB = 5 mA
200
600
mV
IC =10mA; IB = 0.5 mA; *1
700
mV
IC = 100 mA; IB = 5 mA; *1
900
mV
IC =2mA; VCE = 5 V; *2
580
660
700
mV
IC =10mA; VCE = 5 V;*2
770
mV
collector capacitance
Cc
IE =ie =0; VCB =10V; f = 1MHz
2.5
pF
emitter capacitance
Ce
IC =ic =0; VEB = 500 mV; f = 1 MHz
11
pF
transition frequency
fT
IC =10mA; VCE = 5 V; f = 100 MHz
100
MHz
IC = 200 ìA; VCE =5V; RS =2kÙ,f =
10 Hz to 15.7 kHz
4dB
IC = 200 ìA; VCE =5V; RS =2kÙ,f =
1 kHz; B = 200 Hz
4dB
*1 VBEsat decreases by about 1.7 mV/K with increasing temperature.
*2 VBE decreases by about 2 mV/K with increasing temperature.
F
noise figure
collector-emitter saturation voltage
base-emitter saturation voltage
base-emitter voltage
VBE
IC =2mA; VCE =5V;
hFE
VCEsat
VBEsat
ICBO
collector cut-off current
IC =10ìA; VCE =5V;
hFE Classification
TYPE
BC849B
BC849C
BC850B
BC850C
Marking
2B
2C
2F
2G



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com