Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2406 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC2406
Description  Silicon PNP Epitaxial Planar Type
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC2406 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC2406 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Silicon PNP Epitaxial Planar Type
2SC2406
Features
Low noise voltage NV.
High forward current transfer ratio hFE.
Mini type package, allowing downsizing of the equipment and automatic
insertion through the tape packing and the magazine packing.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
55
V
Collector-emitter voltage
VCEO
55
V
Emitter-base voltage
VEBO
5V
Collector current
IC
50
mA
Peak collector current
ICP
100
mA
Collector power dissipation
PC
200
mW
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-base voltage
VCBO
IC =10ìA, IE =0
55
V
Collector-emitter voltage
VCEO
IC =2mA, IB =0
55
V
Emitter-base voltage
VEBO
IE =10ìA, IC =0
5
V
Base-emitter voltage
VBE
VCE =1V, IC = 100 mA
0.7
1.0
V
Collector-base cutoff current
ICBO
VCB =10V, IE =0
0.1
ìA
Collector-emitter cutoff current
ICEO
VCE =10V, IB =0
1
ìA
Forward current transfer ratio
hFE
VCE =5V, IC = 2 mA
180
700
Collector-emitter saturation voltage
VCE(sat) IC =100 mA, IB = -10 mA
0.6
V
Transition frequency
fT
VCB =5V, IE =-2mA, f = 200MHz
200
MHz
VCE =10V, IC =1mA, GV =80dB
110
mV
Rg =100 kÙ, Function =FLAT
Noise voltage
NV
hFE Classification
Marking
TR
TS
TT
hFE
180
360
260
520
360
700


Similar Part No. - 2SC2406

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC2406 PANASONIC-2SC2406 Datasheet
51Kb / 3P
Silicon PNP epitaxial planer type
2SC2406 PANASONIC-2SC2406 Datasheet
50Kb / 3P
Silicon NPN epitaxial planer type
2SC2406 PANASONIC-2SC2406 Datasheet
236Kb / 5P
Si NPN Triple Diffused Mesa
logo
NXP Semiconductors
2SC2406;TT;SOT-23 PHILIPS-2SC2406;TT;SOT-23 Datasheet
75Kb / 12P
Single Zener diodes
Rev. 01-1 March 2007
logo
Panasonic Semiconductor
2SC2406R PANASONIC-2SC2406R Datasheet
236Kb / 5P
Si NPN Triple Diffused Mesa
More results

Similar Description - 2SC2406

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
XP04113 PANASONIC-XP04113 Datasheet
86Kb / 3P
Silicon PNP epitaxial planar type
logo
Guangdong Kexin Industr...
2SB929A KEXIN-2SB929A Datasheet
39Kb / 1P
Silicon PNP Epitaxial Planar Type
2SB928A KEXIN-2SB928A Datasheet
40Kb / 1P
Silicon PNP Epitaxial Planar Type
2SB1589 KEXIN-2SB1589 Datasheet
49Kb / 1P
Silicon PNP Epitaxial Planar Type
2SB934 KEXIN-2SB934 Datasheet
39Kb / 1P
Silicon PNP Epitaxial Planar Type
2SB1218 KEXIN-2SB1218 Datasheet
46Kb / 1P
Silicon PNP Epitaxial Planar Type
2SA1022 KEXIN-2SA1022 Datasheet
36Kb / 1P
Silicon PNP Epitaxial Planar Type
2SB936 KEXIN-2SB936 Datasheet
39Kb / 1P
Silicon PNP Epitaxial Planar Type
2SB967 KEXIN-2SB967 Datasheet
39Kb / 1P
Silicon PNP Epitaxial Planar Type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com