Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC626 Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TC626
Description  TEMPERATURE LIMIT SWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC626 Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TC626 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC626 Datasheet HTML 2Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2-29
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TC626*
TEMPERATURE LIMIT SWITCH
FEATURES
s
Requires No External Components
s
On-Chip Temperature Sensing
s
TO-220 package for "Hot Spot" Mounting
s
50mA Output Signal TO-220 Package (TC626VAB)
s
TO-92 Package for Direct Circuit Board Mounting
APPLICATIONS
s
Vibration-Immune Temperature Sensing
s
Fan Speed Control Circuits
s
System Overtemperature Shutdown
s
Advanced Thermal Warning
s
Consumer Products
GENERAL DESCRIPTION
The TC626 is a temperature limit detector that notifies
the system when measured temperature is above the fac-
tory-programmed setting. It is designed to replace mechani-
cal (bimetal) temperature limit switches and offers increased
ruggedness, higher reliability and greater setpoint accuracy.
It requires no external components.
The TC626 operates over a – 55
°C to +125°C tempera-
ture range. It is available in a TO-92 package, which is ideal
for ambient temperature sensing applications. It is also
available in a TO-220-3 package for heatsink temperature
measurement applications.
ORDERING INFORMATION
Temperature
Part Number*
Package
Range
TC626040VAB
TO-220-3
– 55
°C to +125°C
TC626040VZB
TO-92-3
– 55
°C to +125°C
TC626050VAB
TO-220-3
– 55
°C to +125°C
TC626050VZB
TO-92-3
– 55
°C to +125°C
TC626080VAB
TO-220-3
– 55
°C to +125°C
TC626080VZB
TO-92-3
– 55
°C to +125°C
TC626090VAB
TO-220-3
– 55
°C to +125°C
TC626090VZB
TO-92-3
– 55
°C to +125°C
TC626100VAB
TO-220-3
– 55
°C to +125°C
TC626100VZB
TO-92-3
– 55
°C to +125°C
*Trip-point temperature is designated as follows: Part numbers are
TC626xxxVAB or TC626VZB, where xxx = trip-point tempeature in
°C.
For high volume applications requiring different trip-points, contact
factory.
2
5V TO 18V
RELAY
1
3
NC
SYSTEM POWER
NC = NORMALLY CLOSED
PIN 1 SWITCHES 'HIGH' IF
TEMPERATURE GOES ABOVE
THE PRESET VALUE.
TC626
PIN CONFIGURATIONS
* PATENTED
TC626-6
8/23/96
TC626xxxVZB
12 3
12 3
123
TC626xxxVAB
TO-220-3
TO-92-3
SYSTEM OVERTEMPERATURE PROTECTION


Similar Part No. - TC626

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
TC6269 FUMAN-TC6269 Datasheet
686Kb / 11P
LED drive control dedicated circuit
More results

Similar Description - TC626

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
VB-2211 OMRON-VB-2211 Datasheet
671Kb / 5P
Multiple Limit Switch
logo
Honeywell Accelerometer...
GLCA01A4J HONEYWELL-ACC-GLCA01A4J Datasheet
142Kb / 1P
LIMIT SWITCH
logo
Festo Corporation.
534474 FESTO-534474 Datasheet
74Kb / 1P
Limit switch attachment
534475 FESTO-534475 Datasheet
73Kb / 1P
Limit switch attachment
8140400 FESTO-8140400 Datasheet
76Kb / 2P
Limit switch box
8137104 FESTO-8137104 Datasheet
94Kb / 2P
Limit switch box
7/20/22
8137105 FESTO-8137105 Datasheet
92Kb / 2P
Limit switch box
7/20/22
logo
Pepperl+Fuchs Inc.
LVL-A7-AG1A-E5V1-CG-EMS PF-LVL-A7-AG1A-E5V1-CG-EMS Datasheet
236Kb / 3P
Vibration Limit Switch
2020-10-05
logo
Highly Electric Co., Lt...
AH8111 HIGHLY-AH8111 Datasheet
1Mb / 4P
LIMIT SWITCH
WL5101 HIGHLY-WL5101 Datasheet
1Mb / 4P
LIMIT SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com