Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1970CFE Datasheet(PDF) 2 Page - Linear Technology

Part # LT1970CFE
Description  500mA Power Op Amp with Adjustable Precision Current Limit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1970CFE Datasheet(HTML) 2 Page - Linear Technology

  LT1970CFE Datasheet HTML 1Page - Linear Technology LT1970CFE Datasheet HTML 2Page - Linear Technology LT1970CFE Datasheet HTML 3Page - Linear Technology LT1970CFE Datasheet HTML 4Page - Linear Technology LT1970CFE Datasheet HTML 5Page - Linear Technology LT1970CFE Datasheet HTML 6Page - Linear Technology LT1970CFE Datasheet HTML 7Page - Linear Technology LT1970CFE Datasheet HTML 8Page - Linear Technology LT1970CFE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
LT1970
1970fb
(Note 1)
Supply Voltage (VCC to VEE).................................... 36V
Positive High Current Supply (V+) .................. V– to VCC
Negative High Current Supply(V–) ................... VEE to V+
Amplifier Output (OUT) ..................................... V– to V+
Current Sense Pins
(SENSE+, SENSE–, FILTER) .......................... V– to V+
Logic Outputs (ISRC, ISNK, TSD) ....... COMMON to VCC
Input Voltage (–IN, +IN) .......... VEE – 0.3V to VEE + 36V
Input Current ....................................................... 10mA
Current Control Inputs
(VCSRC, VCSNK) ............. COMMON to COMMON + 7V
Enable Logic Input .............................. COMMON to VCC
COMMON ..................................................... VEE to VCC
Output Short-Circuit Duration ......................... Indefinite
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Specified Temperature Range (Note 3) ... – 40
°C to 85°C
Maximum Junction Temperature ......................... 150
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
LT1970CFE
LT1970IFE
TJMAX = 150°C, θJA = 40°C/ W (NOTE 8)
EXPOSED PAD (PIN 21) IS CONNECTED TO VEE
The
● denotes specifications which apply over the full operating
temperature range, otherwise specifications are TA = 25°C. See Test Circuit for standard test conditions.
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS
FE PACKAGE
20-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
9
10
TOP VIEW
20
19
18
17
16
15
14
13
12
11
VEE
V–
OUT
SENSE+
FILTER
SENSE–
VCC
–IN
+IN
VEE
VEE
V+
TSD
ISNK
ISRC
ENABLE
COMMON
VCSRC
VCSNK
VEE
21
Consult LTC Marketing for parts specified with wider operating temperature ranges.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Op Amp Characteristics
VOS
Input Offset Voltage
200
600
µV
0
°C < TA < 70°C
●
1000
µV
–40
°C < TA < 85°C
●
1300
µV
Input Offset Voltage Drift (Note 4)
●
–10
–4
10
µV/°C
IOS
Input Offset Current
VCM = 0V
●
–100
100
nA
IB
Input Bias Current
VCM = 0V
●
–600
–160
nA
Input Noise Voltage
0.1Hz to 10Hz
3
µVP-P
en
Input Noise Voltage Density
1kHz
15
nV/
√Hz
in
Input Noise Current Density
1kHz
3
pA/
√Hz
RIN
Input Resistance
Common Mode
500
k
Ω
Differential Mode
100
k
Ω
CIN
Input Capacitance
Pin 8 and Pin 9 to Ground
6
pF
VCM
Input Voltage Range
Typical
–14.5
13.6
V
Guaranteed by CMRR Test
●
–12.0
12.0
V
CMRR
Common Mode Rejection Ratio
–12V < VCM < 12V
●
92
105
dB
PSRR
Power Supply Rejection Ratio
VEE = V
– = –5V, VCC = V+ = 3V to 30V
●
90
100
dB
VEE = V– = –5V, VCC = 30V, V+ = 2.5V to 30V
●
110
130
dB
VEE = V– = –3V to – 30V, VCC = V+ = 5V
●
90
100
dB
VEE = –30V, V
– = –2.5V to –30V, VCC = V+ = 5V
●
110
130
dB
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com