Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC682 Datasheet(PDF) 2 Page - TelCom Semiconductor, Inc

Part # TC682
Description  INVERTING VOLTAGE DOUBLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC682 Datasheet(HTML) 2 Page - TelCom Semiconductor, Inc

  TC682 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC682 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC682 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC682 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC682 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC682 Datasheet HTML 6Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
4-22
TELCOM SEMICONDUCTOR, INC.
ABSOLUTE MAXIMUM RATINGS*
VIN .......................................................................... +5.8V
VIN dV/dT ............................................................. 1V/µsec
VOUT ......................................................................– 11.6V
VOUT Short-Circuit Duration ............................ Continuous
Power Dissipation (TA ≤ 70°C)
Plastic DIP ........................................................... 730mW
SOIC ...............................................................470mW
Storage Temperature Range ................ – 65
°C to +150°C
Lead Temperature (Soldering, 10 sec) ................. +300
°C
PIN DESCRIPTION
Pin No.
8-Pin DIP/SOIC
Symbol Description
1C1
–
Input. Capacitor C1 negative
terminal.
2C2
+
Input. Capacitor C2 positive
terminal.
3C2
–
Input. Capacitor C2 negative
terminal
4VOUT
Output. Negative output voltage
(– 2VIN)
5
GND
Input. Device ground.
6VIN
Input. Power supply voltage.
7C1
+
Input. Capacitor C1 positive
terminal
8
N/C
No Connection
Figure 1. TC682 Test Circuit
V
GND
GND
C2
+
C2
–
RL
C1
+
C1
C2
C1
–
IN
VIN
VOUT
C
All Caps = 3.3
µF
OUT
TC682
(+5V)
VOUT
–
–
6
7
1
2
3
5
4
–
+
+
–
+
*This is a stress rating only and functional operation of the device at these
or any other conditions above those indicated in the operational sections of
the specifications is not implied. Exposure to Absolute Maximum Rating
Conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS: Over Operating Temperature Range, VIN = +5V, test circuit Figure 1,
unless otherwise indicated.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Supply Voltage Range
RL = 2kΩ
2.4
—
5.5
V
IIN
Supply Current
RL = ∞, TA = 25°C
—
185
300
µA
RL = ∞
—
—
400
ROUT
VOUT Source Resistance
IL
– = 10mA, T
A = 25°C
—
140
180
Ω
Source Resistance
IL
– = 10mA
—
—
230
IL
– = 5mA, VIN = 2.8V
—
170
320
FOSC
Oscillator Frequency
—
12
—
kHz
PEFF
Power Efficiency
RL = 2kΩ, TA = 25°C90
92
—
%
VOUT EFF
Voltage Conversion Efficiency
VOUT, RL =
∞
99
99.9
—
%
TelCom Semiconductor reserves the right to make changes in the circuitry or specifications detailed in this manual at any time without notice. Minimums
and maximums are guaranteed. All other specifications are intended as guidelines only. TelCom Semiconductor assumes no responsibility for the use
of any circuits described herein and makes no representations that they are free from patent infringement.
INVERTING VOLTAGE DOUBLER
TC682



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com