Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC70 Datasheet(PDF) 2 Page - TelCom Semiconductor, Inc

Part # TC70
Description  MICROMASTER - SYSTEM SUPERVISOR WITH POWER SUPPLY MONITOR, WATCHDOG AND BATTERY BACKUP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC70 Datasheet(HTML) 2 Page - TelCom Semiconductor, Inc

  TC70 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC70 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC70 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC70 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC70 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC70 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC70 Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
5-8
TELCOM SEMICONDUCTOR, INC.
MICROMASTER™ – SYSTEM SUPERVISOR
WITH POWER SUPPLY MONITOR, WATCHDOG
AND BATTERY BACKUP
*This is a stress rating only and functional operation of the device at these
or any other conditions above those indicated in the operational sections of
the specifications is not implied. Exposure to Absolute Maximum Rating
Conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS*
Voltage (Any Pin) with Respect to
Ground ................................ GND – 0.3 to VCC + 0.3V
Operating Temperature Range ............... – 40
°C to +85°C
Storage Temperature Range ................ – 65
°C to +150°C
Lead Temperature (Soldering, 10 sec) ................. +300
°C
TC70/71
ELECTRICAL CHARACTERISTICS:
Recommended DC Operations: TA = TMIN to TMAX, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VCC
Supply Voltage
Note 1
4.5
5.0
5.5
V
VIH
Input HIGH Level
CEI, WDD (Note 1)
2.5
—
—
V
VIH
Input HIGH Level
RS (Note 1)
2.2
—
—
V
VIL
Input LOW Level
CEI, WDD, RS (Note 1)
—
—
0.8
V
ELECTRICAL CHARACTERISTICS:
DC: TA = TMIN to TMAX, VCC = 4.5V to 5.5V, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
ICC1
Operating Current
Notes 2, 3
—
5
6.5
mA
ICC2
Operating Current in
VCC = 0; VBATT = 2.8V; (Note 3)
—
0.01
0.20
µA
Battery Backup Mode
IIH
Input Leakage
CEI
—
4
7
µA
IIL
Input Leakage
CEI
—
1
—
µA
IIH
Input Leakage
RS
—
1
—
µA
ISTBY
Battery Standby Current
5.5V > VCC > VBATT + 0.2V
– 1.0
—
0.02
µA
ISTBY
Battery Standby Current
5.5V > VCC > VBATT + 0.2V
– 0.1
—
0.02
µA
TA = 25°C
ELECTRICAL CHARACTERISTICS:
DC: Power Supply Monitor, EXT. RESET and Watchdog: TA = TMIN to TMAX, VCC = 4.5V to 5.5V, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
IOL
Output Current 0.4V
VOL = 0.4V
2
5
—
mA
(RS, TDO, CEO, PF Pins)
IOH
Output Current 2.4V
VOH = 2.4V
2
3
—
mA
(TDO, CEO, PF Pins)
WDDI
WDD Input Current
WDD = GND
– 120
—
—
µA
WDD = VCC
——
25
VSTH
RS Strobe (HIGH) Level
Figure 3 (Note 1)
VDD – 0.5
—
—
V
VSTL
RS Strobe (LOW) Level
Figure 3 (Note 1)
2.2
—
VDD – 1.8
V
VCCTRIP
VCC Trip Point
(Note 1) 0
°C ≤ TA ≤ 70°C
4.25
—
4.49
– 40
°C ≤ TA ≤ 85°C
4.20
4.49
ELECTRICAL CHARACTERISTICS:
DC: Battery Backup and Threshold Detector: TA = TMIN to TMAX, VCC = 4.5V to 5.5V, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VOUT1
VCCO Output Voltage
IOUT = 1mA
VCC – 0.3
VCC – 0.1
—
V
IOUT = 50mA
VCC – 0.5 VCC – 0.20
—
VOUT2
VOUT in Battery Backup Mode
IOUT = 250µA, VCC < VBATT – 0.2, VBATT = 2.8V VBATT – 0.1 VBATT – 0.02
—
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com