Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP69 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BCP69
Description  PNP Medium Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BCP69 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BCP69 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BCP69 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
www.kexin.com.cn
BCP69
hFE Classification
TYPE
BCP69
BCP69-16
BCP69-16/IN
BCP69-25
Marking
BCP69
BCP69/16
69-16N
BCP69/25
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
IE =0A; VCB = -25 V
-100
nA
IE =0A; VCB =-25 V; Tj =150
-10
ìA
Emitter cutoff current
IEBO
IC =0A; VEB = -5 V
-100
nA
DC current gain
BCP69
VCE =-10 V; IC =-5mA
50
VCE =-1V; IC = -500 mA
85
375
VCE =-1V; IC =-1A
60
BCP69-16
100
250
BCP69-16/IN
140
230
BCP69-25
160
375
Collector-emitter saturation voltage
IC =-1A; IB = -100 mA;
-500
mV
VCE =-10 V; IC = -5 mA
-700
mV
VCE =-1V; IC =-1A
-1
V
Collector capacitance
Cc
IE =ie=0A; VCB = -10 V; f = 1 MHz
28
pF
Transition frequency
fT
IC =-50 mA; VCE = -5 V; f = 100 MHz
40
140
MHz
Base-emitter voltage
VBE
Collector cutoff current
ICBO
VCEsat
hFE
VCE =-1V; IC = -500 mA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com