Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC660EPA Datasheet(PDF) 5 Page - TelCom Semiconductor, Inc

Part # TC660EPA
Description  100mA CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC660EPA Datasheet(HTML) 5 Page - TelCom Semiconductor, Inc

  TC660EPA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC660EPA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC660EPA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC660EPA Datasheet HTML 4Page - TelCom Semiconductor, Inc TC660EPA Datasheet HTML 5Page - TelCom Semiconductor, Inc TC660EPA Datasheet HTML 6Page - TelCom Semiconductor, Inc TC660EPA Datasheet HTML 7Page - TelCom Semiconductor, Inc TC660EPA Datasheet HTML 8Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
4-9
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TC660
100mA CHARGE PUMP DC-TO-DC
VOLTAGE CONVERTER
Figure 1. TC660 Test Circuit (Inverter)
Figure 2. Idealized Switched Capacitor
V+
GND
S3
S1
S2
S4
C2
VOUT = – VIN
C1
Theoretical Power Efficiency
Considerations
In theory, a voltage multiplier can approach 100%
efficiency if certain conditions are met:
(1) The drive circuitry consumes minimal power.
(2) The output switches have extremely low ON
resistance and virtually no offset.
(3) The impedances of the pump and reservoir
capacitors are negligible at the pump frequency.
The TC660 approaches these conditions for negative
voltage multiplication if large values of C1 and C2 are used.
Energy is lost only in the transfer of charge between
capacitors if a change in voltage occurs. The energy lost
is defined by:
E = 1/2 C1 (V1
2 – V
2
2)
V1 and V2 are the voltages on C1 during the pump and
transfer cycles. If the impedances of C1 and C2 are relatively
high at the pump frequency (refer to Figure 2) compared to
the value of RL, there will be a substantial difference in
voltages V1 and V2. Therefore, it is desirable not only to
make C2 as large as possible to eliminate output voltage
ripple, but also to employ a correspondingly large value for
C1 in order to achieve maximum efficiency of operation.
1
2
3
4
8
7
6
5
TC660
+
V+
(+5V)
VOUT
C1
150 µF
+
C2
150 µF
IL
RL
IS
V+
Circuit Description
The TC660 contains all the necessary circuitry to com-
plete a voltage inverter (Figure 1), with the exception of two
external capacitors, which may be inexpensive 150
µF polar-
ized electrolytic capacitors. Operation is best understood by
considering Figure 2, which shows an idealized voltage
inverter. Capacitor C1 is charged to a voltage V
+ for the half
cycle when switches S1 and S3 are closed. (Note: Switches
S2 and S4 are open during this half cycle.) During the second
half cycle of operation, switches S2 and S4 are closed, with
S1 and S3 open, thereby shifting capacitor C1 negatively by
V
+ volts. Charge is then transferred from C
1 to C2, such that
the voltage on C2 is exactly V
+, assuming ideal switches and
no load on C2.
The four switches in Figure 2 are MOS power switches;
S1 is a P-channel device, and S2, S3 and S4 are N-channel
devices. The main difficulty with this approach is that in
integrating the switches, the substrates of S3 and S4 must
always remain reverse-biased with respect to their sources,
but not so much as to degrade their ON resistances. In
addition, at circuit start-up, and under output short circuit
conditions (VOUT = V
+), the output voltage must be sensed
and the substrate bias adjusted accordingly. Failure to
accomplish this would result in high power losses and
possible device latch-up. This problem is eliminated in the
TC660 by a logic network which senses the output voltage
(VOUT) together with the level translators, and switches the
substrates of S3 and S4 to the correct level to maintain
necessary reverse bias.
To improve low-voltage operation, the “LV” pin should
be connected to GND, disabling the internal regulator. For
supply voltages greater than 3.0V, the LV terminal should
be left open to ensure latch-up-proof operation and prevent
device damage.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com