Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT549 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FMMT549
Description  Medium Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FMMT549 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  FMMT549 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FMMT549 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Transistors
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO IC=-100ìA
-35
V
Collector-emitter breakdown voltage *
V(BR)CEO IC=-10mA
-30
V
Emitter-base breakdown voltage
V(BR)EBO IE=-100ìA
-5
V
Collector cutoff current
ICBO
VCB=-30V
-0.1
ìA
Emitter cut-off current
IEBO
VEB=-4V
-0.1
ìA
Collector-emitter saturation voltage *
VCE(sat)
IC=-1A,IB=-100mA
IC=-2A,IB=-200mA
-0.25
-0.50
-0.5
-0.75
V
Base-emitter saturation voltage *
VBE(sat) IC=-1A,IB=-100mA
-0.9
-1.25
V
Base-emitter voltage *
VBE(ON) IC=-1A,VCE=-2V
-0.85
-1
V
IC=-50mA, VCE=-2V
70
200
IC=-1A, VCE=-2V
80
130
I =-2A, V =-2V
40
80
IC=-500mA,VCE=-2V
100
160
300
Current-gain-bandwidth product
fT
IC=-100mA,VCE=-5V,f=100MHz
100
MHz
Output capacitance
Cobo
VCB=-10V,f=1MHz
25
pF
ton
VCB=-10V, f=1MHz
50
ns
toff
IC=-500mA,VCC=-10V,IB1=IB2=-50mA
300
ns
* Pulse test: tp
300 ìs; d
0.02.
Switching times
hFE
DC current gain *
FMMT549
Marking
Marking
549



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com