Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7129 Datasheet(PDF) 2 Page - TelCom Semiconductor, Inc

Part # TC7129
Description  4-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTER WITH ON-CHIP LCD DRIVERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7129 Datasheet(HTML) 2 Page - TelCom Semiconductor, Inc

  TC7129 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC7129 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC7129 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC7129 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC7129 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7129 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7129 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7129 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC7129 Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
3-232
TELCOM SEMICONDUCTOR, INC.
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage (V+ to V–) ............................................ 15V
Reference Voltage (REF HI or REF LO) .............. V+ to V–
Input Voltage (IN HI or IN LO) (Note 1) ................ V+ to V–
VDISP ................................................V+ to (DGND – 0.3V)
Digital Input, Pins
1, 2, 19, 20, 21, 22, 27, 37, 39, 40 .......... DGND to V+
Analog Input, Pins 25, 29, 30 ............................... V+ to V–
Package Power Dissipation (TA ≤ 70°C)
Plastic DIP ........................................................ 1.23W
PLCC ................................................................1.23W
Plastic QFP ....................................................... 1.00W
Operating Temperature Range .................... 0
°C to +70°C
Notes: Input voltages may exceed supply voltages, provided input current
is limited to
±400 µA. Currents above this value may result in invalid display
readings but will not destroy the device if limited to
±1 mA.
Dissipation ratings assume device is mounted with all leads soldered to
printed circuit board.
*Static-sensitive device. Unused devices must be stored in conductive
material. Protect devices from static discharge and static fields. Stresses
above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. These are stress ratings only and functional
operation of the device at these or any other conditions above those
indicated in the operational sections of the specifications is not implied.
Exposure to Absolute Maximum Rating Conditions for extended periods
may affect device reliability.
ELECTRICAL CHARACTERISTICS: V+ to V– = 9V, VREF = 1V, TA = +25°C, fCLK = 120 kHz, unless otherwise
indicated. Pin numbers refer to 40-pin DIP.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Input
Zero Input Reading
VIN = 0V, 200 mV Scale
– 0000
0000
+0000 Counts
Zero Reading Drift
VIN = 0V, 0°C < TA < +70°C—
±0.5
—
µV/°C
Ratiometric Reading
VIN = VREF = 1000 mV, Range = 2V
9997
9999
10000 Counts
Range Change Accuracy
VIN = 0.1V on Low Range
0.9999 1.0000
1.0001 Ratio
VIN = 1V on High Range
RE
Roll-Over Error
–VIN = +VIN = 199 mV
—
1
2
Counts
NL
Linearity Error
200 mV Scale
—
1
—
Counts
CMRR
Common-Mode Rejection Ratio
VCM = 1V, VIN = 0V, 200 mV Scale
—
110
—
dB
CMVR
Common-Mode Voltage Range
VIN = 0V
—
(V–) +1.5
—
V
200 mV Scale
—
(V+) –1
—
V
eN
Noise (Peak-to-Peak Value Not
VIN = 0V
—
14
—
µVP-P
Exceeded 95% of Time)
200 mV Scale
IIN
Input Leakage Current
VIN = 0V, Pins 32, 33
—
1
10
pA
Scale Factor Temperature
VIN = 199 mV, 0°C < TA < +70°C
—
2
7
ppm/
°C
Coefficient
External VREF = 0 ppm/°C
Power
VCOM
Common Voltage
V+ to Pin 28
2.8
3.2
3.5
V
Common Sink Current
∆Common = +0.1V
—
0.6
—
mA
Common Source Current
∆Common = –0.1V
—
10
—
µA
DGND
Digital Ground Voltage
V+ to Pin 36, V+ to V– = 9V
4.5
5.3
5.8
V
Sink Current
∆DGND = +0.5V
—
1.2
—
mA
Supply Voltage Range
V+ to V–
69
12
V
IS
Supply Current Excluding Common Current
V+ to V– = 9V
—
0.8
1.3
mA
fCLK
Clock Frequency
—
120
360
kHz
VDISP Resistance
VDISP to V+
—50
—
k
Ω
Low-Battery Flag Activation Voltage
V+ to V–
6.3
7.2
7.7
V
Digital
Continuity Comparator
VOUT Pin 27 = High
100
200
—
mV
Threshold Voltages
VOUT Pin 27 = Low
—
200
400
mV
Pull-Down Current
Pins 37, 38, 39
—
2
10
µA
Storage Temperature Range ................ – 65
°C to +150°C
Lead Temperature (Soldering, 10 sec) ................. +300
°C
TC7129
4-1/2 DIGIT ANALOG-TO-DIGITAL
CONVERTER WITH ON-CHIP LCD DRIVERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com