Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7109CPL Datasheet(PDF) 3 Page - TelCom Semiconductor, Inc

Part # TC7109CPL
Description  12-BIT UP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7109CPL Datasheet(HTML) 3 Page - TelCom Semiconductor, Inc

  TC7109CPL Datasheet HTML 1Page - TelCom Semiconductor, Inc TC7109CPL Datasheet HTML 2Page - TelCom Semiconductor, Inc TC7109CPL Datasheet HTML 3Page - TelCom Semiconductor, Inc TC7109CPL Datasheet HTML 4Page - TelCom Semiconductor, Inc TC7109CPL Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7109CPL Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7109CPL Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7109CPL Datasheet HTML 8Page - TelCom Semiconductor, Inc TC7109CPL Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3-93
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
ELECTRICAL CHARACTERISTICS (Cont.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VREF
Ref Out Voltage
Referenced to V+, 25 k
Ω
– 2.4
– 2.8
– 3.2
V
Between V+ and Ref Out
TCREF
Ref Out Temperature
25 k
Ω Between V+ and Ref Out
—
80
—
ppm/
°C
Coefficient
0
°C ≤ TA ≤ +70°C
Digital
VOH
Output High Voltage
TC7109: IOUT = 100 µA
3.5
4.3
—
V
TC7109A: IOUT = 700 µA
Pins 3–16, 18, 19, 20
VOL
Output Low Voltage
IOUT = 1.6 mA
—
0.2
0.4
V
Output Leakage Current
Pins 3–16 High Impedance
—
±0.01
±1
µA
Control I/O
Pins 18, 19, 20 VOUT = V+–3V
—
5
—
µA
Pull-Up Current
Mode Input at GND
Control I/O Loading
HBEN, Pin 19; LBEN, Pin 18
—
—
50
pF
VIH
Input High Voltage
Pins 18–21, 26, 27
2.5
—
—
V
Referenced to GND
VIL
Input Low Voltage
Pins 18-21, 26, 27
—
—
1
V
Referenced to GND
Input Pull-Up Current
Pins 26, 27; VOUT = V+–3V
—
5
—
µA
Pins 17, 24; VOUT = V+–3V
25
µA
Input Pull-Down Current
Pin 21; VOUT = GND = +3V
—
1
—
µA
Oscillator Output Current, High
VOUT = 2.5V
—
1
—
mA
Oscillator Output Current, Low
VOUT = 2.5V
—
1.5
—
mA
Buffered Oscillator Output
VOUT = 2.5V
—
2
—
mA
Current, High
Buffered Oscillator Output
VOUT = 2.5V
—
5
—
mA
Current, Low
tW
Mode Input Pulse Width
60
—
—
nsec
HANDLING PRECAUTIONS: These devices are CMOS and must be handled correctly to prevent damage. Package
and store only in conductive foam, anti-static tubes, or other conducting material. Use proper anti-static handling
procedures. Do not connect in circuits under "power-on" conditions, as high transients may cause permanent
damage.
TC7109
TC7109A
12-BIT
µP-COMPATIBLE
ANALOG-TO-DIGITAL CONVERTERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com