Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9517 Datasheet(PDF) 7 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # PCA9517
Description  LEVEL-TRANSLATING I2C BUS REPEATER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

PCA9517 Datasheet(HTML) 7 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button PCA9517 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PCA9517 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PCA9517 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PCA9517 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PCA9517 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PCA9517 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PCA9517 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PCA9517 Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PCA9517 Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
t
/t
PLZ
PZL
TEST
S1
CL = 57 pF
(see Note C)
S1
GND
PULSE
GENERATOR
DUT
RT
(see Note B)
TEST CIRCUIT FOR OPEN-DRAIN OUTPUT
R
(see Note A)
L
V
CC
V
CC
V
IN
V
OUT
V
CC
3 V
0.1 V
1.5 V
1.5 V
INPUT
OUTPUT
1.2 V
V
OL
t
PZL
t
PLZ
80%
20%
0.6 V
0.6 V
80%
20%
t
THL
t
TLH
0.3 V
CCA
INPUT
OUTPUT
3 V
80%
20%
1.5 V
1.5 V
80%
20%
0.3 V
CCA
V
CCA
V
CCA
t
PZL
t
PLZ
PCA9517
LEVEL-TRANSLATING I2C BUS REPEATER
SCPS157A – DECEMBER 2007 – REVISED FEBRUARY 2008
A.
RL = 167 Ω on the A side and 1.35 kΩ on the B side
B.
RT termination resistance should be equal to ZOUT of pulse generators.
C.
CL includes probe and jig capacitance.
D.
All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω,
slew rate
≥ 1 V/ns.
E.
The outputs are measured one at a time, with one transition per measurement.
F.
tPLH and tPHL are the same as tpd.
G.
tPLZ and tPHZ are the same as tdis.
H.
tPZL and tPZH are the same as ten.
Figure 1. Test Circuit
Figure 2. Waveform 1 – Propagation Delay and Transition Times for B Side to A Side
Figure 3. Waveform 2 – Propagation Delay and Transition Times for A Side to B Side
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): PCA9517



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com