Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7211AM Datasheet(PDF) 3 Page - TelCom Semiconductor, Inc

Part # TC7211AM
Description  BUS COMPATIBLE 4-DIGIT CMOS DECODER/DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7211AM Datasheet(HTML) 3 Page - TelCom Semiconductor, Inc

  TC7211AM Datasheet HTML 1Page - TelCom Semiconductor, Inc TC7211AM Datasheet HTML 2Page - TelCom Semiconductor, Inc TC7211AM Datasheet HTML 3Page - TelCom Semiconductor, Inc TC7211AM Datasheet HTML 4Page - TelCom Semiconductor, Inc TC7211AM Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7211AM Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7211AM Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
6-9
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VSUP
Operating Voltage Range
3
5
6
V
IOP
Operating Current
Display Blank
—
10
50
µA
IOSCI
Oscillator Input Current
Pin 36
—
±2
±10
µA
tRFS
Segment Rise/Fall Time
CL = 200 pF
—
0.5
—
µsec
tRFB
Backplane Rise/Fall Time
CL = 5000 pF
—
1.5
—
µsec
fOSC
Oscillator Frequency
Pin 36 Floating
—
16
—
kHz
fBP
Backplane Frequency
Pin 36 Floating
—
125
—
Hz
Input Characteristics
VIH
Logic “1” High Input Voltage
3
—
—
V
VIL
Logic “0” Low Input Voltage
—
—
1
V
IILK
Input Leakage Current
Pins 27–34
—
±0.01
±1
µA
CIN
Input Capacitance
Pins 27–34
—
5
—
pF
IBPLK
BP Input Current
Measured at Pin 5 With
—
±0.01
±1
µA
Leakage
Pin 36 at GND
CBPI
BP Input Capacitance
All Devices
—
200
—
pF
AC Characteristics
Symbol
Parameter
Test Conditions
tCSA
Chip Select Active Pulse Width
(Note 1)
200
—
—
nsec
tDS
Data Setup Time
100
—
—
nsec
tDH
Data Hold Time
10
0
—
nsec
tICS
Inter-Chip Select Time
2
—
—
µsec
NOTE: 1. Other chip select (CS) is either held at logic zero or both CS1 and CS2 driven together.
*Stresses above those listed under "Absolute Maximum Ratings" may
cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions above
those indicated in the operational sections of the specifications is not
implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
NOTES: 1. This limit refers to that of the package and will not be realized
during normal operation.
2. Due to the SCR structure inherent in the CMOS process,
connecting any terminal to voltages greater than V+ or less
than GND may cause destructive latch-up. For this reason, it
is recommended that inputs from external sources not oper-
ating on the same power supply not be applied to the device
before its supply is established, and, in multiple supply
systems, the supply to the TC7211AM be turned on first.
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage ........................................................ +6.5V
Input Voltage, Any Terminal
(Note 2) .................................... V+ +0.3V, GND –0.3V
Power Dissipation TA ≤ 70°C (Note 1) ................... 1.23W
Operating Temperature Range ................ –20
°C to +85°C
Storage Temperature Range ................. –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) ................. +300
°C
TYPICAL CHARACTERISTICS: All parameters measured with V+ = 5V, TA = 25
°C
BUS COMPATIBLE, 4-DIGIT
CMOS DECODER/DRIVER
TC7211AM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com