Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1899-Z Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD1899-Z
Description  NPN Silicon Epitaxial Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1899-Z Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1899-Z Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD1899-Z Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
www.kexin.com.cn
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cutoff current
ICBO
VCB =60V, IE =0
10
ìs
Emitter cutoff current
IEBO
VEB =7V, IC =0
10
ìA
VCE =2V, IC =0.2 A
60
VCE =2V, IC = 0.6 A
100
400
VCE =2V, IC =2.0 A
50
Collector saturation voltage *
VCE(sat) IC =1.5 A, IB = 0.15 A
0.14
0.25
V
Base saturation voltage *
VBE(sat) IC =1.5 A, IB = 0.15 A
0.93
1.2
V
Gain bandwidth product
fT
VCE =5V, IE = -1.5 A
120
MHz
Output capacitance
Cob
VCB =10V, IE = 0, f = 1.0 MHz
30
pF
Turn-on time
ton
IC =1A,VCC = 10 V
0.15
0.5
ìs
Storage time
tstg
IB1=-IB2=0.1A
0.75
2
ìs
Fall time
tf
RL=10Ù
0.2
0.5
ìs
* Pulsed: PW
350 ìs, duty cycle
2%
hFE
DC current gain *
hFE Classification
Marking
M
L
K
hFE
100
200
160
320
200
400
2SD1899-Z



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com