Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7650 Datasheet(PDF) 2 Page - TelCom Semiconductor, Inc

Part # TC7650
Description  CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7650 Datasheet(HTML) 2 Page - TelCom Semiconductor, Inc

  TC7650 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC7650 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC7650 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC7650 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC7650 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7650 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7650 Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
3-274
TELCOM SEMICONDUCTOR, INC.
TC7650
CHOPPER-STABILIZED
OPERATIONAL AMPLIFIER
ELECTRICAL CHARACTERISTICS: VDD = +5V, VSS = –5V, CA = CB = 0.1µF, TA = 25°C, unless otherwise
indicated.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Input
VOS
Input Offset Voltage
TA = +25°C—
±0.7
±5—
Over Operating Temp Range
—
± 1.0
—
µV
∆VOS/∆T
Input Offset Voltage
Operating Temperature Range
—
0.01
0.05
µV/°C
Average Temperature
Coefficient
Offset Voltage vs. Time
—
100
—
nV/
month
IBIAS
Input Bias Current
TA = +25°C
—
1.5
10
pA
0
°C ≤ TA ≤ +70°C
—
35
150
pA
–25
°C ≤ TA ≤ +85°C
—
100
400
pA
IOS
Input Offset Current
—
0.5
—
pA
eNP-P
Input Noise Voltage
RS = 100Ω, 0 to 10Hz
—
2
—
µVP-P
IN
Input Noise Current
f = 10 Hz
—
0.01
—
pA/
√Hz
RIN
Input Resistance
—
1012
Ω
CMVR
Common-Mode
– 5
– 5.2
+1.6
V
Voltage Range
to +2
CMRR
Common-Mode
CMVR = –5V to +1.5V
120
130
—
dB
Rejection Ratio
Output
A
Large Signal Voltage
RL = 10kΩ
120
130
—
dB
Gain
VOUT
Output Voltage Swing (Note 2)
RL = 10kΩ±4.7
±4.85
—
V
RL = 100kΩ
—
±4.95
—
V
Clamp ON Current
RL = 100kΩ
25
70
200
µA
(Note 1)
Clamp OFF Current
– 4V < VOUT < +4V
—
1
—
pA
(Note 1)
Dynamic
BW
Unity-Gain Bandwidth
Unity Gain (+1)
—
2.0
—
MHz
SR
Slew Rate
CL = 50 pF, RL = 10kΩ
—
2.5
—
V/
µsec
tR
Rise Time
—
0.2
—
µsec
Overshoot
—
20
—
%
fCH
Internal Chopping
Pins 12–14 Open (DIP)
120
200
375
Hz
Frequency
Package Power Dissipation (TA ≤ 70°C)
8-Pin Plastic DIP ............................................. 730mW
14-Pin Plastic DIP ........................................... 800mW
*Static-sensitive device. Unused devices must be stored in conductive
material. Protect devices from static discharge and static fields. Stresses
above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. These are stress ratings only and functional
operation of the device at these or any other conditions above those
indicated in the operational sections of the specifications is not implied.
Exposure to Absolute Maximum Rating Conditions for extended periods
may affect device reliability.
ABSOLUTE MAXIMUM RATINGS*
Total Supply Voltage (VDD to VSS) .............................. 18V
Input Voltage ........................ (VDD + 0.3V) to (VSS – 0.3V)
Storage Temperature Range ................ – 65
°C to +150°C
Lead Temperature (Soldering, 10 sec) ................... 300
°C
Voltage on Oscillator Control Pins ................... VDD to VSS
Output Short Circuit Duration ............................. Indefinite
Current Into Any Pin ................................................. 10mA
While Operating (Note 3) .................................. 100
µA
Operating Temperature Range
C Device ................................................ 0
°C to +70°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com