Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT4403W Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # MMBT4403W
Description  Switching Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MMBT4403W Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  MMBT4403W Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd MMBT4403W Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Transistors
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-emitter breakdown voltage *
V(BR)CEO
IC =-1.0mA, IB =0
-40
V
Collector-base breakdown voltage
V(BR)CBO
IC =-0.1mA, IE =0
-40
V
Emitter-base breakdown voltage
V(BR)EBO
IE =-0.1mA, IC =0
-5
V
Base cutoff current
IBEV
VCE =-35 V, VEB =-0.4V
-0.1
ìA
Collector cutoff current
ICEX
VCE =-35 V, VEB =-0.4V
-0.1
ìA
DC current gain
HFE
IC =-0.1mA, VCE =-1.0V
IC =-1.0mA, VCE =-1.0V
IC =-10 mA, VCE =-1.0V
IC = -150 mA, VCE =-2.0V *
IC = -500 mA, VCE =-2.0V *
30
60
100
100
20
300
VCE(sat)
IC = -150 mA, IB =-15 mA
-0.4
IC = -500 mA, IB =-50 mA
-0.75
VBE(sat)
IC = -150 mA, IB =-15 mA
-0.75
-0.95
IC = -500 mA, IB =-50 mA
-1.3
Current-gain-bandwidth product
fT
IC =-20 mA, VCE = -10 V, f = 100 MHz
200
MHz
Collector-base capacitance
CCb
VCB =-10 V, IE = 0, f = 1.0 MHz
8.5
pF
Emitter-base capacitance
Ceb
VBE =-0.5V, IC = 0, f = 1.0 MHz
30
pF
Input impedance
hie
IC =-1.0mA, VCE = -10 V, f = 1.0 kHz
1.5
15
kÙ
Voltage feedback ratio
hre
IC =-1.0mA, VCE = -10 V, f = 1.0 kHz
0.1
8.0
X10
-4
Small-signal current gain
hfe
IC =-1.0mA, VCE = -10 V, f = 1.0 kHz
60
500
Output admittance
hoe
IC =-1.0mA, VCE = -10 V, f = 1.0 kHz
1.0
100
ìmhos
Delay time
td
VCC =-30 V, VEB =-2.0V,
15
ns
Rise time
tr
IC = -150 mA, IB1 = -15 mA
20
ns
Storage time
ts
VCC =-30 V, IC = -150 mA,
225
ns
Fall time
tf
IB1 =IB2 = -15 mA
30
ns
* Pulse test: pulse width
300 ìs, duty cycle
2.0%.
Collector-emitter saturation voltage *
Base-emitter saturation voltage *
V
MMBT4403W
Marking
Marking
2T



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com