Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7109ACPL Datasheet(PDF) 13 Page - TelCom Semiconductor, Inc

Part # TC7109ACPL
Description  12-BIT UP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7109ACPL Datasheet(HTML) 13 Page - TelCom Semiconductor, Inc

Back Button TC7109ACPL Datasheet HTML 9Page - TelCom Semiconductor, Inc TC7109ACPL Datasheet HTML 10Page - TelCom Semiconductor, Inc TC7109ACPL Datasheet HTML 11Page - TelCom Semiconductor, Inc TC7109ACPL Datasheet HTML 12Page - TelCom Semiconductor, Inc TC7109ACPL Datasheet HTML 13Page - TelCom Semiconductor, Inc TC7109ACPL Datasheet HTML 14Page - TelCom Semiconductor, Inc TC7109ACPL Datasheet HTML 15Page - TelCom Semiconductor, Inc TC7109ACPL Datasheet HTML 16Page - TelCom Semiconductor, Inc TC7109ACPL Datasheet HTML 17Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
3-103
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
Figure 9. TC7109A Handshake Triggered by MODE Input
DATA VALID
DATA VALID
TERMINATES
UART MODE
= THREE-STATE
HIGH IMPEDANCE
INTERNAL CLOCK
INTERNAL LATCH
STATUS OUTPUT
MODE INPUT
INTERNAL MODE
SEND INPUT
CE/LOAD AS OUTPUT
HBEN
HIGH-BYTE DATA
LBEN
LOW-BYTE DATA
= DON'T CARE
= THREE-STATE
WITH PULL-UP
UART
NORM
SEND
SENSED
SEND
SENSED
ZERO CROSSING DETECTED
ZERO CROSSING OCCURS
STATUS OUTPUT UNCHANGED
IN UART MODE
LATCH PULSE INHIBITED
IN UART MODE
POSITIVE TRANSITION
CAUSES ENTRY INTO
UART MODE
DE PHASE III
SEND
SENSED
Oscillator
The oscillator may be overdriven, or may be operated as
an RC or crystal oscillator. The OSCILLATOR SELECT
input optimizes the internal configuration of the oscillator for
RC or crystal operation. The OSCILLATOR SELECT input
is provided with a pull-up resistor. When the OSCILLATOR
SELECT input is HIGH or left open, the oscillator is config-
ured for RC operation. The internal clock will be the same
frequency and phase as the signal at the BUFFERED
OSCILLATOR OUTPUT. Connect the resistor and capaci-
tor as in Figure 10. The circuit will oscillate at a frequency
given by f = 0.45/RC. A 100 k
Ω resistor is recommended for
useful ranges of frequency. The capacitor value should be
chosen such that 2048 clock periods are close to an integral
multiple of the 60 Hz period for optimum 60 Hz line rejection.
With OSCILLATOR SELECT input LOW, two on-chip
capacitors and a feedback device are added to the oscillator.
In this configuration, the oscillator will operate with most
crystals in the 1 to 5 MHz range with no external components
(Figure 11). The OSCILLATOR SELECT input LOW inserts
a fixed
58 divider circuit between the BUFFERED OSCIL-
LATOR OUTPUT and the internal clock. A 3.58 MHz TV
crystal gives a division ratio providing an integration time
given by:
t = (2048 clock periods)
= 33.18 ms
The error is less than 1% from two 60 Hz periods, or
33.33 ms, which will give better than 40 dB, 60 Hz rejection.
The converter will operate reliably at conversion rates up
to 30 per second, corresponding to a clock frequency of
245.8 kHz.
When the oscillator is to be overdriven, the OSCILLA-
TOR OUTPUT should be left open, and the overdriving
signal should be applied at the OSCILLATOR INPUT. The
internal clock will be of the same duty cycle, frequency and
phase as the input signal. When the OSCILLATOR SELECT
is at GND, the clock will be 1/58 of the input frequency.
58
3.58 MHz
TC7109
TC7109A
12-BIT
µP-COMPATIBLE
ANALOG-TO-DIGITAL CONVERTERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com