Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7652CPD Datasheet(PDF) 3 Page - TelCom Semiconductor, Inc

Part # TC7652CPD
Description  LOW NOISE, CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7652CPD Datasheet(HTML) 3 Page - TelCom Semiconductor, Inc

  TC7652CPD Datasheet HTML 1Page - TelCom Semiconductor, Inc TC7652CPD Datasheet HTML 2Page - TelCom Semiconductor, Inc TC7652CPD Datasheet HTML 3Page - TelCom Semiconductor, Inc TC7652CPD Datasheet HTML 4Page - TelCom Semiconductor, Inc TC7652CPD Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7652CPD Datasheet HTML 6Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3-283
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
Capacitor Connection
Connect the null-storage capacitors to the CA and CB
pins with a common connection to the CRET pin (14-pin
TC7652) or to VSS (8-pin TC7652). When connecting to VSS,
avoid injecting load current IR drops into the capacitive
circuitry by making this connection directly via a separate
wire or PC trace.
Output Clamp
In chopper-stabilized amplifiers, the output clamp pin
reduces overload recovery time. When a connection is
made to the inverting input pin (summing junction), a current
path is created between that point and the output pin, just
before the device output saturates. This prevents uncon-
trolled differential input voltages and charge buildup on
correction-storage capacitors. Output swing is reduced.
Clock
The TC7652 has a 550Hz internal oscillator, which is
divided by two before clocking the input chopper switches.
The 275Hz chopping frequency is available at INT CLK OUT
(pin 12) on 14-pin devices. In normal operation, INT/EXT
(pin 14), which has an internal pull-up, can be left open.
An external clock can also be used. To disable the
internal clock and use an external one, the INT/EXT pin must
be tied to VSS. The external clock signal is then applied to the
EXT CLK IN input (pin 13). An internal divide-by-two pro-
vides a 50% switching duty cycle. The capacitors are only
charged when EXT CLK IN is high, so a 50% to 80% positive
duty cycle is recommended for higher clock frequencies.
The external clock can swing between VDD and VSS, with the
logic threshold about 2.5V below VDD.
The output of the internal oscillator, before the divide-
by-two circuit, is available at EXT CLK IN when INT/EXT is
high or unconnected. This output can serve as the clock
input for a second TC7652 (operating in a master/slave
mode), so that both op amps will clock at the same fre-
quency. This prevents clock intermodulation effects when
two TC7652's are used in a differential amplifier configura-
tion.
If the TC7652's output saturates, error voltages on the
external capacitors will slow overload recovery. This condi-
tion can be avoided if a strobe signal is available. The strobe
signal is applied to EXT CLK IN and the overload signal is
applied to the amplifier while the strobe is LOW. In this case,
neither capacitor will be charged. The low leakage of the
capacitor pins allow long measurements to be made with
negligible errors (typical capacitor drift is 10
µV/sec).
APPLICATION NOTES
Component Selection
CA and CB (external capacitors) should be in the 0.1µF
to 1
µF range. For minimum clock ripple noise, use a 1µF
capacitor in broad bandwidth circuits. For limited bandwidth
applications where clock ripple is filtered out, use a 0.1
µF
capacitor for slightly lower offset voltage. High-quality film-
type capacitors (polyester or polypropylene) are recom-
mended, although a lower grade (ceramic) may work in
some applications. For quickest settling after initial turn-on,
use low dielectric absorption capacitors (e.g., polypropy-
lene).
With ceramic capacitors, settling to 1
µV takes
several seconds.
Static Protection
Although input diodes static-protect all device pins,
avoid strong electrostatic fields and discharges that can
cause degraded diode junction characteristics and produce
increased input-leakage currents.
Latch-Up
Junction-isolated CMOS circuits have a 4-layer (p-n-
p-n) structure similar to an SCR. Sometimes this junction
can be triggered into a low-impedance state and produce
excessive supply current. Therefore, avoid applying voltage
greater than 0.3V beyond the supply rails to any pin. Estab-
lish the amplifier supplies at the same time or before any
input signals are applied. If this is not possible, drive circuits
must limit input current flow to under 1mA to avoid latch-up,
even under fault conditions.
Output Stage/Load Driving
The output circuit is high impedance (about 18k
Ω). With
lesser loads, the chopper amplifier behaves somewhat like
a transconductance amplifier with an open-loop gain propor-
tional to load resistance. (For example, the open-loop gain
is 17dB lower with a 1k
Ω load than with a 10kΩ load.) If the
amp is used only for DC, the DC gain is typically greater than
120dB (even with a 1k
Ω load), and this lower gain is
inconsequential. For wideband, the best frequency response
occurs with a load resistor of at least 10k
Ω. This produces
OUTPUT
R2
R1
0.1 µF
0.1 µF
TC7652
C
R
C
1 k
Ω
1 M
Ω
TEST CIRCUIT
LOW NOISE, CHOPPER-STABILIZED
OPERATIONAL AMPLIFIER
TC7652



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com