Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7106CPL Datasheet(PDF) 2 Page - TelCom Semiconductor, Inc

Part # TC7106CPL
Description  3-1/2 DIGIT A/D CONVERTERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7106CPL Datasheet(HTML) 2 Page - TelCom Semiconductor, Inc

  TC7106CPL Datasheet HTML 1Page - TelCom Semiconductor, Inc TC7106CPL Datasheet HTML 2Page - TelCom Semiconductor, Inc TC7106CPL Datasheet HTML 3Page - TelCom Semiconductor, Inc TC7106CPL Datasheet HTML 4Page - TelCom Semiconductor, Inc TC7106CPL Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7106CPL Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7106CPL Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7106CPL Datasheet HTML 8Page - TelCom Semiconductor, Inc TC7106CPL Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
3-184
TELCOM SEMICONDUCTOR, INC.
ELECTRICAL CHARACTERISTICS (Note 3)
TC7106/A & TC7107/A
Parameters
Test Conditions
Min
Typ
Max
Unit
Zero Input Reading
VIN = 0.0 V
– 000.0
±000.0
+000.0
Digital
Full-Scale = 200.0mV
Reading
Ratiometric Reading
VIN = VREF
999
999/1000
1000
Digital
VREF = 100 mV
Reading
Roll-Over Error (Difference in
V
–
IN = +V
+
IN ≅ 200mV
– 1
±0.2
+1
Counts
Reading for Equal Positive and
Negative Reading Near Full-Scale)
Linearity (Max. Deviation From
Full-Scale = 200mV
– 1
±0.2
+1
Counts
Best Straight Line Fit)
or Full-Scale = 2.000 V
Common-Mode
VCM = ±1V, VIN = 0V,
—
50
—
µV/V
Rejection Ratio (Note 4)
Full Scale = 200.0 mV
Noise (Pk – Pk Value Not
VIN = 0 V
—
15
—
µV
Exceeded 95% of Time)
Full-Scale = 200.0mV
Leakage Current @ Input
VIN = 0 V
—
1
10
pA
Zero Reading Drift
VIN = 0 V
“C” Device = 0
°C to +70°C
—
0.2
1
µV/°C
VIN = 0 V
“I” Device = – 25
°C to +85°C
—
1.0
2
µV/°C
Scale Factor
VIN = 199.0mV,
Temperature Coefficient
“C” Device = 0
°C to +70°C
—
1
5
ppm/
°C
(Ext. Ref = 0ppm
°C)
VIN = 199.0mV
—
—
20
ppm/
°C
“I” Device = – 25
°C to +85°C
Supply Current (Does Not
VIN = 0
—
0.8
1.8
mA
Include LED Current For TC7107/A)
ABSOLUTE MAXIMUM RATINGS*
TC7106A
Supply Voltage (V+ to V–) ........................................... 15 V
Analog Input Voltage (either input) (Note 1) ......... V+ to V–
Reference Input Voltage (either input) ................. V+ to V–
Clock Input ........................................................ Test to V+
Package Power Dissipation (Note 2) (TA ≤ 70°C)
CerDIP .............................................................. 2.29W
Plastic DIP ........................................................ 1.23W
PLCC ................................................................1.23W
PQFP ................................................................1.00W
Operating Temperature
“C” Devices ............................................ 0
°C to +70°C
“I” Devices ........................................ – 25
°C to +85°C
Storage Temperature ............................ – 65
°C to +150°C
Lead Temperature (Soldering, 60 sec) ................... 300
°C
TC7107A
Supply Voltage
V+ ................................................................................................ +6 V
V– ............................................................................................... – 9 V
Analog Input Voltage (either input) (Note 1) ......... V+ to V–
Reference Input Voltage (either input) ................. V+ to V–
Clock Input ....................................................... GND to V+
Power Dissipation (Note 2) (TA ≤ 70°C)
40-Pin CerDIP Package ................................... 2.29W
40-Pin Plastic DIP ............................................. 1.23W
44-Pin PLCC ..................................................... 1.23W
44-Pin PQFP .................................................... 1.00W
Operating Temperature
“C” Devices ............................................ 0
°C to +70°C
“I” Devices ........................................ – 25
°C to +85°C
Storage Temperature ............................ – 65
°C to +150°C
Lead Temperature (Soldering, 10 sec) ................. +300
°C
*Static-sensitive device. Unused devices must be stored in conductive
material. Protect devices from static discharge and static fields. Stresses
above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. These are stress ratings only and functional
operation of the device at these or any other conditions above those
indicated in the operational sections of the specifications is not implied.
Exposure to Absolute Maximum Rating Conditions for extended periods
may affect device reliability.
TC7106
TC7106A
TC7107
TC7107A
3-1/2 DIGIT A/D CONVERTERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com