Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA596 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BA596
Description  Silicon PIN Diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BA596 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BA596 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Unit: mm
SOD-323
1.7+0.1
-0.1
2.6+0.1
-0.1
0.475
0.375
0.85+0.05
-0.05
1.0max
Silicon PIN Diode
BA596
Features
Current-controlled RF resistor for switching and attenuating applications.
Frequency range 1 MHz ... 2 GHz
Frequency range above 1 MHz
Designed for low IM distortion
A b solu te M a xim u m R atin gs T a = 2 5
P a ra m e te r
S y m bol
V a lu e
U nit
R e v e rs e v oltage
V R
50
V
F o rw ard c urrent
IF
50
m A
O peratin g tem perature range
T op
-5 5to+ 1 2 5
S torage te m perature range
T stg
-5 5to+ 1 5 0
Junction - a m b ient
R th JA
450
K/W
Electrical Characteristics Ta = 25
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Forward voltage
VF
IF =50mA
1.15
V
Reverse current
IR
VR =50V
50
nA
f= 1 MHz,VR = 50 V
0.23
0.35
f= 100 MHz, VR =0V
0.2
f= 100 MHz
IF =10ìA
2400
IF =1mA
58
IF =10mA
6.5
7.8
10
Zero bias conductance
gp
f = 100 MHz, VR =0V
40
S
Series inductance
LS
2nH
pF
Diode capacitance
CT
rf
Forward resistance
Marking
Marking
white P


Similar Part No. - BA596

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BA596 SIEMENS-BA596 Datasheet
34Kb / 2P
Silicon PIN Diode
logo
Rohm
BA5960FS ROHM-BA5960FS Datasheet
308Kb / 2P
5 Channel Driver for with Regulator
BA5961FV ROHM-BA5961FV Datasheet
96Kb / 7P
Power driver for CD player
BA5961FV ROHM-BA5961FV Datasheet
288Kb / 7P
Power Driver For CD Players
BA5961FV ROHM-BA5961FV Datasheet
86Kb / 6P
Power Driver For CD Players
More results

Similar Description - BA596

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
Silicon PIN diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
Silicon PIN diode
2004 Feb 17
logo
Advanced Semiconductor
AP1000C-11 ASI-AP1000C-11 Datasheet
15Kb / 1P
SILICON PIN DIODE
logo
NXP Semiconductors
BAP27-01 PHILIPS-BAP27-01 Datasheet
77Kb / 7P
Silicon PIN diode
2001 Nov 01
BAP63-03 PHILIPS-BAP63-03 Datasheet
66Kb / 7P
Silicon PIN diode
2004 Feb 11
BAP63-05 PHILIPS-BAP63-05 Datasheet
76Kb / 6P
Silicon PIN diode
2000 Feb 17
BAP70-02 NXP-BAP70-02 Datasheet
229Kb / 6P
Silicon PIN diode
Rev. 05-2 January 2008
logo
Guangdong Kexin Industr...
BAP64-02 KEXIN-BAP64-02 Datasheet
35Kb / 1P
Silicon PIN diode
BAP63-02 KEXIN-BAP63-02 Datasheet
36Kb / 2P
Silicon PIN diode
logo
Infineon Technologies A...
BA595E6327 INFINEON-BA595E6327 Datasheet
903Kb / 10P
Silicon PIN Diode
2011-07-21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com