Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7660SCOA Datasheet(PDF) 3 Page - TelCom Semiconductor, Inc

Part # TC7660SCOA
Description  SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7660SCOA Datasheet(HTML) 3 Page - TelCom Semiconductor, Inc

  TC7660SCOA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC7660SCOA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC7660SCOA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC7660SCOA Datasheet HTML 4Page - TelCom Semiconductor, Inc TC7660SCOA Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7660SCOA Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7660SCOA Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7660SCOA Datasheet HTML 8Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
4-71
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TC7660S
SUPER CHARGE PUMP DC-TO-DC
VOLTAGE CONVERTER
Figure 1. TC7660S Test Circuit
Figure 2. Idealized Charge Pump Inverter
V+
GND
S3
S1
S2
S4
C2
VOUT = – VIN
C1
The voltage regulator portion of the TC7660S is an
integral part of the anti-latch-up circuitry. Its inherent voltage
drop can, however, degrade operation at low voltages. To
improve low-voltage operation, the “LV” pin should be
connected to GND, disabling the regulator. For supply
voltages greater than 3.5V, the LV terminal must be left
open to ensure latch-up-proof operation and prevent device
damage.
Theoretical Power Efficiency
Considerations
In theory, a capacitive charge pump can approach
100% efficiency if certain conditions are met:
(1) The drive circuitry consumes minimal power.
(2) The output switches have extremely low ON
resistance and virtually no offset.
(3) The impedances of the pump and reservoir
capacitors are negligible at the pump frequency.
The TC7660S approaches these conditions for nega-
tive voltage multiplication if large values of C1 and C2 are
used. Energy is lost only in the transfer of charge
between capacitors if a change in voltage occurs. The
energy lost is defined by:
E = 1/2 C1 (V1
2 – V22)
V1 and V2 are the voltages on C1 during the pump and
transfer cycles. If the impedances of C1 and C2 are relatively
high at the pump frequency (refer to Figure 2) compared to
the value of RL, there will be a substantial difference in
voltages V1 and V2. Therefore, it is desirable not only to
make C2 as large as possible to eliminate output voltage
ripple, but also to employ a correspondingly large value for
C1 in order to achieve maximum efficiency of operation.
1
2
3
4
8
7
6
5
TC7660S
+
V+
(+5V)
VO
C1
10
µF
COSC*
+
C2
10
µF
IL
RL
IS
V+
NOTE: For large values of COSC (>1000pF), the values
of C1 and C2 should be increased to 100
µF.
Detailed Description
The TC7660S contains all the necessary circuitry to
implement a voltage inverter, with the exception of two
external capacitors, which may be inexpensive 10
µF polar-
ized electrolytic capacitors. Operation is best understood by
considering Figure 2, which shows an idealized voltage
inverter. Capacitor C1 is charged to a voltage V
+ for the half
cycle when switches S1 and S3 are closed. (Note: Switches
S2 and S4 are open during this half cycle.) During the second
half cycle of operation, switches S2 and S4 are closed, with
S1 and S3 open, thereby shifting capacitor C1 negatively by
V
+ volts. Charge is then transferred from C
1 negatively by V+
volts. Charge is then transferred from C1 to C2, such that the
voltage on C2 is exactly V
+, assuming ideal switches and no
load on C2.
The four switches in Figure 2 are MOS power switches;
S1 is a P-channel device, and S2, S3 and S4 are N-channel
devices. The main difficulty with this approach is that in
integrating the switches, the substrates of S3 and S4 must
always remain reverse-biased with respect to their sources,
but not so much as to degrade their ON resistances. In
addition, at circuit start-up, and under output short circuit
conditions (VOUT = V
+), the output voltage must be sensed
and the substrate bias adjusted accordingly. Failure to
accomplish this will result in high power losses and probable
device latch-up.
This problem is eliminated in the TC7660S by a logic
network which senses the output voltage (VOUT) together
with the level translators, and switches the substrates of S3
and S4 to the correct level to maintain necessary reverse
bias.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com