Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16-03W Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BAS16-03W
Description  SILICON SWICHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAS16-03W Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BAS16-03W Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BAS16-03W Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
Diodes
2
www.kexin.com.cn
SILICON SWICHING DIODE
BAS16-03W
Electrical Characteristics Ta = 25
Param eter
Sym bol
Min
Typ
Max
Unit
Breakdown voltage
I(BR) = 100
A
V(BR)
85
V
VR =75 V
0.1
Reverse current
VR =25 V,TA = 150
30
VR =75 V,TA = 150
50
IF = 1 m A
715
IF = 10 m A
855
Forward voltage
IF = 50 m A
1000
IF = 100 m A
1200
IF = 150 m A
1250
Forward recovery voltage
IF =10 m A,tp =20 ns
Vfr
1.75
V
Diode capacitance
VR = 0;f= 1 MHz
CT
2V
Reverse Recovery Tim e
IF =10 m A; IR = 10 m A; m easured at IR =1m A, RL = 100
IR
VF
A
mV
nS
trr
4
Marking
Marking
B



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com