Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7116CPL Datasheet(PDF) 13 Page - TelCom Semiconductor, Inc

Part # TC7116CPL
Description  3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS WITH HOLD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7116CPL Datasheet(HTML) 13 Page - TelCom Semiconductor, Inc

Back Button TC7116CPL Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7116CPL Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7116CPL Datasheet HTML 8Page - TelCom Semiconductor, Inc TC7116CPL Datasheet HTML 9Page - TelCom Semiconductor, Inc TC7116CPL Datasheet HTML 10Page - TelCom Semiconductor, Inc TC7116CPL Datasheet HTML 11Page - TelCom Semiconductor, Inc TC7116CPL Datasheet HTML 12Page - TelCom Semiconductor, Inc TC7116CPL Datasheet HTML 13Page - TelCom Semiconductor, Inc TC7116CPL Datasheet HTML 14Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
3-215
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
3-1/2 DIGIT ANALOG-TO-DIGITAL
CONVERTERS WITH HOLD
TC7116
TC7116A
TC7117
TC7117A
APPLICATIONS INFORMATION
The TC7117/TC7117A sink the LED display current,
causing heat to build up in the IC package. If the internal
voltage reference is used, the changing chip temperature
can cause the display to change reading. By reducing the
LED common anode voltage, the TC7117/TC7117A pack-
age power dissipation is reduced.
Figure 17 is a curve-tracer display showing the relation-
ship between output current and output voltage for typical
TC7117CPL/TC7117ACPL devices. Since a typical LED
has 1.8V across it at 8 mA and its common anode is
connected to +5V, the TC7117/TC7117A output is at 3.2V
(Point A, Figure 17). Maximum power dissipation is 8.1 mA
× 3.2V × 24 segments = 622 mW.
However, notice that once the TC7117/TC7117A's out-
put voltage is above 2V, the LED current is essentially
constant as output voltage increases. Reducing the output
voltage by 0.7V (Point B Figure 17) results in 7.7 mA of LED
current, only a 5% reduction. Maximum power dissipation is
now only 7.7 mA
× 2.5V × 24 = 462 mW, a reduction of 26%.
An output voltage reduction of 1V (Point C) reduces LED
current by 10% (7.3 mA), but power dissipation by 38% (7.3
mA
× 2.2V × 24 = 385 mW).
Reduced power dissipation is very easy to obtain.
Figure 18 shows two ways: Either a 5.1
Ω, 1/4W resistor, or
a 1A diode placed in series with the display (but not in series
with the TC7117/TC7117A). The resistor reduces the
TC7117/TC7117A's output voltage (when all 24 segments
are ON) to Point C of Figure 17. When segments turn off, the
output voltage will increase. The diode, however, will result
in a relatively steady output voltage, around Point B.
In addition to limiting maximum power dissipation, the
resistor reduces change in power dissipation as the display
changes. The effect is caused by the fact that, as fewer
segments are ON, each ON output drops more voltage and
current. For the best case of six segments (a “111” display)
to worst case (a “1888” display), the resistor circuit will
change about 230 mW, while a circuit without the resistor will
change about 470 mW. Therefore, the resistor will reduce
the effect of display dissipation on reference voltage drift by
about 50%.
The change in LED brightness caused by the resistor is
almost unnoticeable as more segments turn off. If display
brightness remaining steady is very important to the de-
signer, a diode may be used instead of the resistor.
Figure 15. Recommended Component Values for 2V Full Scale
(TC7116/TC7116A and TC7117/TC7117A)
Figure 16. TC7117/TC7117A Operated from Single +5V Supply
(An External Reference Must Be Used in This
Application.)
100 k
Ω
100 pF
0.047 µF
470 k
Ω
0.22 µF
TO DISPLAY
0.1 µF
25 k
Ω
24 k
V
+
SET VREF = 1V
0.01 µF
+
IN
1M
Ω
–
V
–
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
TC7116
TC7116A
TC7117
TC7117A
Ω
100 pF
0.47 µF
47 k
Ω
TO DISPLAY
0.1 pF
1 k
Ω
Ω
V
SET VREF= 100 mV
+
10 k
10 k
Ω
1.2V
0.01 µF
–
IN
1 M
Ω
+
100 k
Ω
0.22 µF
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
TC9491CZM
TC7117
TC7117A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com