Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC820CKW Datasheet(PDF) 21 Page - TelCom Semiconductor, Inc

Part # TC820CKW
Description  3-3/4 DIGIT A/D CONVERTER WITH FREQUENCY COUNTER AND LOGIC PROBE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC820CKW Datasheet(HTML) 21 Page - TelCom Semiconductor, Inc

Back Button TC820CKW Datasheet HTML 14Page - TelCom Semiconductor, Inc TC820CKW Datasheet HTML 15Page - TelCom Semiconductor, Inc TC820CKW Datasheet HTML 16Page - TelCom Semiconductor, Inc TC820CKW Datasheet HTML 17Page - TelCom Semiconductor, Inc TC820CKW Datasheet HTML 18Page - TelCom Semiconductor, Inc TC820CKW Datasheet HTML 19Page - TelCom Semiconductor, Inc TC820CKW Datasheet HTML 20Page - TelCom Semiconductor, Inc TC820CKW Datasheet HTML 21Page - TelCom Semiconductor, Inc TC820CKW Datasheet HTML 22Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
3-169
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
BP1
BP2
BP3
TC820
3-3/4 A/D CONVERTER WITH
FREQUENCY COUNTER
AND LOGIC PROBE
VDD
VH
VL
VDISP
VDD
VH
VL
VDISP
VDD
VH
VL
VDISP
VDD
VH
VL
VDISP
SEGMENT
LINE
ALL OFF
a SEGMENT
ON
d, g OFF
a, g ON
d OFF
ALL ON
Figure 24. Backplane Waveforms
LCD Source
Although most users will design their own custom LCD,
a standard display for the TC820 (Figure 26), Part No. ST-
1355-M1, is available from:
Crystaloid (USA)
Crystaloid (Europe)
Crystaloid Electronics
Rep France
P.O. Box 628
102, rue des Nouvelles
5282 Hudson Dr.
F92150 Suresnes
Hudson, OH 44238
France
Phone: (216) 655-2429
Phone: 33-1-42 04 29 25
Fax: (216) 655-2176
Fax: 33-1-45 06 46 99
Annunciator Output
The annunciator output is a square wave running
at the backplane frequency (for example, 167Hz when
fOSC = 40kHz). The peak-to-peak amplitude is equal to (VDD
– VDISP). Connecting an annunciator of the LCD to the
annunciator output turns it on; connecting it to its backplane
turns it off.
LCD Drive Voltage (VDISP)
The peak-to-peak LCD drive voltage is equal to (VDD –
VDISP). In the 40-pin dual-in-line package (DIP), VDISP is
internally connected to DGND, providing a typical LCD drive
voltage of 5VP-P.
For applications with a wide temperature range, some
LCDs require that the drive levels vary with temperature to
maintain good viewing angle and display contrast. In this
case, the TC820 44-pin package provides a pin connection
for VDISP. Figure 27 shows TC820 circuits that can be
adjusted to give a temperature compensation of about
10mV/
°C between VDD and VDISP. The diode between GND
and VDISP should have a low turn-on voltage because VDISP
cannot exceed 0.3V below GND.
Crystal Source
Two sources of the 40 kHz crystal are:
Statek Corp.
SPK Electronics
512 N. Main St.
2F-1, No. 312, Sec. 4,
Orange, CA 92668
Jen Ai Rd
Phone: (714) 639-7810
Taipei, Taiwan R.O.C.
Fax: (714) 997-1256
Phone: (02) 754-2677
Part #: CX-1V-40.0
Fax: 886-2-708-4124
Part#: QRT-38-40.0kHz
Figure 26. Typical TC820 LCD
Figure 25. Typical Display Output Waveforms
HIGH
LOW
OVER
PEAK
BATT
PIN 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com