Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1995CMS Datasheet(PDF) 2 Page - Linear Technology

Part # LT1995CMS
Description  32MHz, 1000V/關s Gain Selectable Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1995CMS Datasheet(HTML) 2 Page - Linear Technology

  LT1995CMS Datasheet HTML 1Page - Linear Technology LT1995CMS Datasheet HTML 2Page - Linear Technology LT1995CMS Datasheet HTML 3Page - Linear Technology LT1995CMS Datasheet HTML 4Page - Linear Technology LT1995CMS Datasheet HTML 5Page - Linear Technology LT1995CMS Datasheet HTML 6Page - Linear Technology LT1995CMS Datasheet HTML 7Page - Linear Technology LT1995CMS Datasheet HTML 8Page - Linear Technology LT1995CMS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LT1995
1995fb
SYMBOL PARAMETER
CONDITIONS
VSUPPLY
MIN
TYP
MAX
UNITS
GE
Gain Error
VOUT = ±12V, RL = 1k, G = 1
±15V
0.05
0.2
%
VOUT = ±12V, RL = 1k, G = 2
±15V
0.05
0.2
%
VOUT = ±12V, RL = 1k, G = 4
±15V
0.05
0.2
%
VOUT = ±5V, RL = 150Ω, G = 1
±15V
0.05
0.25
%
VOUT = ±2.5V, RL = 500Ω, G = 1
±5V
0.05
0.2
%
VOUT = ±2.5V, RL = 150Ω, G = 1
±5V
0.05
0.25
%
GNL
Gain Nonlinearity
VOUT = ±12V, RL = 1k, G = 1
±15V
10
ppm
VOS
Input Offset Voltage
G = 1 (MS10)
±15V
1
5
mV
Referred to Input (Note 7)
G = 1 (DD10)
±15V
1.5
9
mV
G = 2 (MS10)
±15V
0.7
4
mV
G = 2 (DD10)
±15V
1.2
6.8
mV
G = 4 (MS10)
±15V
0.6
3.75
mV
G = 4 (DD10)
±15V
0.9
5.6
mV
G = 1 (MS10)
±5V
1
5
mV
G = 1 (DD10)
±5V
1.4
9
mV
G = 1 (MS10)
±2.5V
1
5
mV
G = 1 (DD10)
±2.5V
1.3
9
mV
Difference Amplifier Configuration. TA = 25°C, VREF = VCM = 0V and unused gain pins are unconnected, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Total Supply Voltage (V+ to V–) .............................. 36V
Input Current (Note 2) .......................................
±10mA
Output Short-Circuit Duration (Note 3) ........... Indefinite
Operating Temperature Range (Note 4) .. – 40
°C to 85°C
Specified Temperature Range (Note 5) ... – 40
°C to 85°C
ABSOLUTE MAXIMUM RATINGS (Note 1)
Storage Temperature Range
MS Package .................................... – 65
°C to 150°C
DD Package ..................................... – 65
°C to 125°C
Maximum Junction Temperature
MS Package ..................................................... 150
°C
DD Package ..................................................... 125
°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
LT1995CDD
LT1995IDD
TJMAX = 125°C, θJA = 160°C/W (NOTE 6)
EXPOSED PAD INTERNALLY CONNECTED TO VS–
PCB CONNECTION OPTIONAL
PACKAGE/ORDER INFORMATION
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grades are identified by a label on the shipping container.
TOP VIEW
DD PACKAGE
10-LEAD (3mm
× 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
M1
M2
M4
VS
+
OUT
P1
P2
P4
VS
–
REF
DD PART
MARKING*
LBJF
LBJF
ORDER PART
NUMBER
LT1995CMS
LT1995IMS
MS PART
MARKING*
LTBJD
LTBJD
1
2
3
4
5
P1
P2
P4
VS
–
REF
10
9
8
7
6
M1
M2
M4
VS
+
OUT
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 160°C/W (NOTE 6)
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com