Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3003 Datasheet(PDF) 10 Page - Linear Technology

Part # LT3003
Description  3-Channel LED Ballaster with PWM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3003 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3003 Datasheet HTML 6Page - Linear Technology LT3003 Datasheet HTML 7Page - Linear Technology LT3003 Datasheet HTML 8Page - Linear Technology LT3003 Datasheet HTML 9Page - Linear Technology LT3003 Datasheet HTML 10Page - Linear Technology LT3003 Datasheet HTML 11Page - Linear Technology LT3003 Datasheet HTML 12Page - Linear Technology LT3003 Datasheet HTML 13Page - Linear Technology LT3003 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LT3003
10
3003fa
1.05A Buck Mode LT3003 with the LT3476
LED
LED
LED
LED
R1
0.1
Ω
LED
LED
1
2
9
54
10
C2
0.33
µF
1nF
C1
1
µF
R3
21k
4.7
µF
35V
1
µF
PVIN
32V
VIN
3V TO 16V
L1
10
µH
D1
D2
20V
3
6
3003 TA02a
OT1
7
OT2
LT3003
VIN
VMAX
8
GND
11
LED1
LED2
LED3
8 LEDs PER STRING;
350mA PER STRING
C1: TDK C1608X7R1C105K
C2: TAIYO YUDEN GMK212BJ334MG-T
D1: DIODES INC. DFLS140
L1: TOKO A916CY-100M-P3
LED: LUMILEDS LUXEON
SHDN
VEE
PWM
CAP1
VIN
SHDN
LT3476
GND
NC
3
18
33
2
7
37
6
LED1
REF
VADJ1
35
PWM1
29
SW1
RT
28
39
SW1
1
VC1
19-21,
30-32
TOTAL LED CURRENT (mA)
0
60
65
70
75
80
90
200
400
600
800
3003 TA02b
1000
1200
85
PVIN = 33V
NUMBER OF LEDS = 8
× 3 = 24
Efficiency
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com