Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3003EMSE Datasheet(PDF) 4 Page - Linear Technology

Part # LT3003EMSE
Description  3-Channel LED Ballaster with PWM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3003EMSE Datasheet(HTML) 4 Page - Linear Technology

  LT3003EMSE Datasheet HTML 1Page - Linear Technology LT3003EMSE Datasheet HTML 2Page - Linear Technology LT3003EMSE Datasheet HTML 3Page - Linear Technology LT3003EMSE Datasheet HTML 4Page - Linear Technology LT3003EMSE Datasheet HTML 5Page - Linear Technology LT3003EMSE Datasheet HTML 6Page - Linear Technology LT3003EMSE Datasheet HTML 7Page - Linear Technology LT3003EMSE Datasheet HTML 8Page - Linear Technology LT3003EMSE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT3003
4
3003fa
PIN FUNCTIONS
TYPICAL PERFORMANCE CHARACTERISTICS
LED1 (Pin 1): Controlled current input for a string of LEDs
with a cathode lead connected to the pin. Connect the first
string of LEDs to this pin.
LED2 (Pin 2): Controlled current input for a string of LEDs
with a cathode lead connected to the pin. Connect the sec-
ond string of LEDs to this pin.
LED3 (Pin 3): Controlled current input for a string of LEDs
with a cathode lead connected to the pin. Connect the third
string of LEDs to this pin.
VMAX (Pin 4):
• Boost: Connect to VOUT
• Buck Mode: Connect to Input Supply
• Buck-Boost Mode: Connect to VOUT
VIN (Pin 5): Input Supply, Upper Rail. This pin must be
locally bypassed with a capacitor to ground. VIN powers
the internal control circuitry.
• Boost: Connect to Input Supply
• Buck Mode: Connect to Input Supply
• Buck-Boost Mode: Connect to VOUT
PWM (Pin 6): Input Pin for PWM Dimming Control. A
PWM signal above 0.5V (on threshold) turns the LT3003
channels on. A PWM signal below 0.5V completely discon-
nects each LED string. If the application does not require
PWM dimming, then the PWM pin can be left either open
(an internal 10µA source current pulls PWM high) or it
can be connected to a supply between 0.5V to 15V.
OT1 (Pin 7): Overtemperature Output. OT1 pulls 100µA
from the pin when the junction temperature exceeds
125°C. The part has to cool down by 6°C for the flag to
reset; ideal for providing an overtemperature flag to the
system microprocessor.
OT2 (Pin 8): Overtemperature Output. OT2 Pulls 300µA
from the pin when the junction temperature exceeds
125°C. The part has to cool down by 6°C for the flag to
reset; ideal for connecting to the switching regulator gm
error amplifier output to defeat switching.
SHDN (Pin 9): Micropower Shutdown Pin. Below 0.7V
shuts down the IC. Typically IVIN = 4µA for SHDN = 0V.
• Boost: Connect to System Shutdown Signal or VIN
• Buck Mode: Connect to System Shutdown Signal
or VIN
• Buck-Boost Mode: If PWM dimming, connect to PWM
(Pin 6); if no PWM dimming, connect to system shut-
down signal or VIN
VIN Quiescent Current vs ILED
VIN Shutdown Current vs VIN
ILED (mA)
50
35
30
25
20
15
10
5
0
200
300
3003 G07
100
150
250
350
VIN (V)
3
8
12
3003 G08
4
0
13
23
33
8
18
28
38
16
6
10
2
14
SHDN = 0
TA = 25°C unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com