Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3011IDD Datasheet(PDF) 2 Page - Linear Technology

Part # LT3011IDD
Description  50mA, 3V to 80V Low Dropout Micropower Linear Regulator with PWRGD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3011IDD Datasheet(HTML) 2 Page - Linear Technology

  LT3011IDD Datasheet HTML 1Page - Linear Technology LT3011IDD Datasheet HTML 2Page - Linear Technology LT3011IDD Datasheet HTML 3Page - Linear Technology LT3011IDD Datasheet HTML 4Page - Linear Technology LT3011IDD Datasheet HTML 5Page - Linear Technology LT3011IDD Datasheet HTML 6Page - Linear Technology LT3011IDD Datasheet HTML 7Page - Linear Technology LT3011IDD Datasheet HTML 8Page - Linear Technology LT3011IDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT3011
2
3011f
ABSOLUTE MAXIMUM RATINGS
IN Pin Voltage .........................................................±80V
OUT Pin Voltage......................................................±60V
Input-to-Output Differential Voltage ........................±80V
ADJ Pin Voltage ........................................................±7V
SHDN Pin Voltage ...................................................±80V
CT Pin Voltage.................................................. 7V, –0.5V
PWRGD Pin Voltage ....................................... 80V, –0.5V
Output Short-Circuit Duration .......................... Indefinite
(Note 1)
TOP VIEW
DD PACKAGE
10-LEAD (3mm
3mm) PLASTIC DFN
10
11
9
6
7
8
4
5
3
2
1
IN
NC
SHDN
NC
CT
OUT
ADJ
GND
NC
PWRGD
TJMAX = 150°C, θJA = 43°C/W, θJC = 16°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
6
NC
OUT
ADJ
GND
NC
PWRGD
12
11
10
9
8
7
13
NC
IN
NC
SHDN
NC
CT
TOP VIEW
MSE PACKAGE
12-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 40°C/W, θJC = 16°C/W
EXPOSED PAD (PIN 13) IS GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3011EDD#PBF
LT3011EDD#TRPBF
LDKQ
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3011IDD#PBF
LT3011IDD#TRPBF
LDKQ
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3011EMSE#PBF
LT3011EMSE#TRPBF
3011
12-Lead Plastic MSOP
–40°C to 125°C
LT3011HMSE#PBF
LT3011HMSE#TRPBF
3011
12-Lead Plastic MSOP
–40°C to 150°C
LT3011IMSE#PBF
LT3011IMSE#TRPBF
3011
12-Lead Plastic MSOP
–40°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3011EDD
LT3011EDD#TR
LDKQ
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3011IDD
LT3011IDD#TR
LDKQ
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3011EMSE
LT3011EMSE#TR
3011
12-Lead Plastic MSOP
–40°C to 125°C
LT3011HMSE
LT3011HMSE#TR
3011
12-Lead Plastic MSOP
–40°C to 150°C
LT3011IMSE
LT3011IMSE#TR
3011
12-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Storage Temperature Range................... –65°C to 150°C
Operating Junction Temperature
(Notes 3, 10, 11)
LT3011E, LT3011I .............................. –40°C to 125°C
LT3011H ............................................ –40°C to 150°C
Lead Temperature (Soldering, 10 sec)
MSE Package Only............................................ 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com