Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS116 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BAS116
Description  Low-leakage diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAS116 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BAS116 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BAS116 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
Diodes
2
www.kexin.com.cn
BAS116
Electrical Characteristics Ta = 25
Parameter
Symbol
Conditions
Typ
Max
Unit
IF =1mA
0.9
IF =10mA
1
IF =50mA
1.1
IF = 150 mA
1.25
VR = 75 V
0.003
5
VR =75V; Tj = 150
380
Diode capacitance
Cd
f= 1MHz;VR =0
2
pF
when switched from IF =10mA toIR =10mA;
RL = 100
;measured at IR =1mA;
nA
V
trr
Reverse recovery time
3
s
0.8
VF
Forward voltage
IR
Reverse current
Marking
Marking
JVp



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com