Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD1701A Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # MMBD1701A
Description  High Conductance Low Leakage Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MMBD1701A Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  MMBD1701A Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd MMBD1701A Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
Diodes
2
www.kexin.com.cn
Electrical Characteristics Ta = 25
Param eter
Sym bol
Conditions
Min
Max
Unit
Breakdown voltage
BV
IR =5.0
A
30
V
Reverse current
IR
IF =20V
50
nA
IF =10
A
420
500
m V
IF =100
A
520
610
m V
IF = 1.0 mA
640
740
mV
IF =10 m A
760
880
m V
IF =20m A
810
950
m V
IF = 50 m A
0.89
1.1
V
Diode capacitance
CD
VR = 0,f= 1.0 MHz
1.0
pF
Reverse Recovery tim e
MMBD1701-1705
IF =IR =10m A,IRR =1.0 m A, RL =100
700
ps
MMBD1701A-1705A
IF =IR =10m A,IRR =1.0 m A, RL =101
1.0
ns
TRR
VF
Forward voltage
MMBD1701/A,MMBD1703/A
MMBD1704/A,MMBD1705/A
Marking
Type
MMBD1701/A MMBD1703/A MMBD1704/A MMBD1705/A
Marking
85/85A
87/87A
88/88A
89/89A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com