Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSB276AS Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # HSB276AS
Description  Silicon Schottky Barrier Diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

HSB276AS Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  HSB276AS Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Silicon Schottky Barrier Diode
HSB276AS
Features
High forward current, Low capacitance.
HSB276AS which is interconnected in
series configuration is designed for balanced mixer use.
CMPAK package is suitable for high density surface mounting and high speed assembly.
A b s o lu te M a x im u m R atings T a = 2 5
P a ra m e te r
S y m bol
V a lu e
U nit
R epetitiv e peak re v e rs e v oltage
V RRM
5V
R e v e rs e v oltage
V R
3V
A v erage re ctifie d c urrent
IO
30
m A
Junction te m perature
T j
125
S torage te m perature
T stg
-5 5to+ 1 2 5
Electrical Characteristics Ta = 25
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Forward voltage
VF
IF =1.0 mA
3
V
Reverse current
IR
VR =0.5 V
50
A
Forward current
IF
VF =0.5 V
35
mA
Capacitance
C
VR = 0.5 V, f = 1 MHz
0.90
pF
Capacitance deviation
ÄC
VR = 0.5V, f = 1 MHz
0.10
pF
C=200pF, R= 0
Both forward and
reverse direction 1 pulse.
Note
1. Failure criterion ; IR
100
Aat VR =0.5 V
V
ESD-Capability (Note 1)
30
Marking
Marking
E8


Similar Part No. - HSB276AS

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HSB276AS HITACHI-HSB276AS Datasheet
23Kb / 5P
Silicon Schottky Barrier Diode for Balanced Mixer
logo
Renesas Technology Corp
HSB276AS RENESAS-HSB276AS Datasheet
149Kb / 5P
Silicon Schottky Barrier Diode for Balanced Mixer
More results

Similar Description - HSB276AS

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HSB226YP HITACHI-HSB226YP Datasheet
23Kb / 5P
Silicon Schottky Barrier Diode
E208931_HSC278 HITACHI-E208931_HSC278 Datasheet
71Kb / 7P
Silicon Schottky Barrier Diode
logo
Guangdong Kexin Industr...
HRW0503A KEXIN-HRW0503A Datasheet
34Kb / 1P
Silicon Schottky Barrier Diode
HSM88WA KEXIN-HSM88WA Datasheet
34Kb / 1P
Silicon Schottky Barrier Diode
HSM276S KEXIN-HSM276S Datasheet
36Kb / 1P
Silicon Schottky Barrier Diode
logo
Sanken electric
FMB-24 SANKEN-FMB-24_11 Datasheet
196Kb / 5P
Silicon Schottky Barrier Diode
FMW-2204 SANKEN-FMW-2204 Datasheet
251Kb / 5P
Silicon Schottky Barrier Diode
FMW-4306 SANKEN-FMW-4306 Datasheet
181Kb / 5P
Silicon Schottky Barrier Diode
FMW-24L SANKEN-FMW-24L Datasheet
228Kb / 5P
Silicon Schottky Barrier Diode
RK36 SANKEN-RK36 Datasheet
142Kb / 5P
Silicon Schottky Barrier Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com