Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT721 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BAT721
Description  Schottky barrier (double) diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAT721 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BAT721 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Schottky barrier (double) diodes
BAT721 series
Features
Ultra high switching speed
Low forward current
Guard ring protected
Small plastic SMD package
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Conditions
Min
Max
Unit
Continuous reverse voltage
VR
40
V
Continuous forward current
IF
200
mA
Non-repetitive peak forward current
IFSM
tp = 8.3 ms half sinewave;JEDEC method
1
A
Storage temperature
Tstg
-65
+150
Junction temperature
Tj
125
Note
1. Pulse test: tp <300
s; ä
0.02.
E lectric al C haracte ristic s T a = 25
P a ra m e te r
S y m bol
C onditions
M in
M ax
U n it
IF = 1 0 m A
300
m V
IF = 100 m A
420
m V
IF = 200 m A
550
m V
V R =3 0 V
1 5
A
V R =3 0 V ; T j = 100
3m A
D iode capacitance
C d
f= 1 M H z ;V R =0 V
4 0
5 0
p F
R e v e rs e c u rre n t
IR
F o rw ard v oltage
V F
Marking
Type
BAT21
BAT21A
BAT21C
BAT21S
Marking
L7*
L8*
L9*
L0*


Similar Part No. - BAT721

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT721 PHILIPS-BAT721 Datasheet
48Kb / 8P
Schottky barrier double diodes
1999 May 06
BAT721 PHILIPS-BAT721 Datasheet
82Kb / 11P
Planar Schottky barrier diodes with an integrated guard ring for stress protection. Encapsulated in small Surface-Mounted Device (SMD) plastic packages.
Rev. 06-21 December 2006
logo
Nexperia B.V. All right...
BAT721 NEXPERIA-BAT721 Datasheet
191Kb / 8P
40 V, 200 mA Schottky barrier diode
1 October 2022
BAT721 NEXPERIA-BAT721 Datasheet
655Kb / 11P
Schottky barrier diodes in small packages
Rev. 06 - 21 December 2006
logo
NXP Semiconductors
BAT721-215 PHILIPS-BAT721-215 Datasheet
82Kb / 11P
Planar Schottky barrier diodes with an integrated guard ring for stress protection. Encapsulated in small Surface-Mounted Device (SMD) plastic packages.
Rev. 06-21 December 2006
More results

Similar Description - BAT721

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS40W PHILIPS-BAS40W Datasheet
52Kb / 8P
Schottky barrier double diodes
1999 Apr 26
BAT140 PHILIPS-BAT140 Datasheet
71Kb / 8P
Schottky barrier double diodes
1997 Oct 03
BAT160 PHILIPS-BAT160 Datasheet
52Kb / 8P
Schottky barrier double diodes
1999 Sep 20
BAT54 PHILIPS-BAT54 Datasheet
48Kb / 8P
Schottky barrier double diodes
2002 Mar 04
BAT721 PHILIPS-BAT721 Datasheet
48Kb / 8P
Schottky barrier double diodes
1999 May 06
BAT754 PHILIPS-BAT754 Datasheet
47Kb / 8P
Schottky barrier double diodes
1999 Aug 05
BAT854W PHILIPS-BAT854W Datasheet
56Kb / 8P
Schottky barrier (double) diodes
2001 Feb 27
BAT120 PHILIPS-BAT120_03 Datasheet
57Kb / 7P
Schottky barrier double diodes
2003 Aug 04
BAT754 NXP-BAT754 Datasheet
204Kb / 7P
Schottky barrier (double) diodes
2003 Mar 25
BAT160 PHILIPS-BAT160_15 Datasheet
192Kb / 7P
Schottky barrier double diodes
1999 Sep 20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com