Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3233 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC3233
Description  NPN Silicon Triple Diffused
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC3233 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC3233 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
2.3
0.60+0.1
-0.1
6.50+0.15
-0.15
0.80+0.1
-0.1
4.60+0.15
-0.15
5.30+0.2
-0.2
2.30+0.1
-0.1
0.50+0.8
-0.7
0.127
max
TO-252
Unit: mm
1 Base
2 Collector
3 Emitter
www.kexin.com.cn
NPN Silicon Triple Diffused
2SC3233
Features
Excellent Switching Times
tr=1.0ìs (Max.) tf=1.0ìs (Max.) at IC=0.8A
High colletor Breakdown Voltage: VCEO=400V
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector to base voltage
VCBO
500
V
Collector to emitter voltage
VCEO
400
V
Emitter to base voltage
VEBO
7V
Collector current
IC
2A
Base Current
IB
0.5
A
Total Power dissipation Ta = 25
1W
TC =25
20
W
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
PC
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
collector cutoff current
ICBO
VCB=400V,IE=0
100
ìA
emitter cutoff current
IEBO
VEB=7V,IC=0
1
mA
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=1mA,IC=0
500
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=10mA,IB=0
400
V
VCE=5V,IC=0.1A
20
VCE=5V,IC=1A
8
Collector-Emitter Saturation Voltage
VCE(sat)
IC=0.1A,IB=0.2A
1
V
Base- Emitter Voltage
VBE(sat)
IC=0.1A,IB=0.2A
1.5
V
Switching time turn-0n time
tr
1.0
ìs
Switching storage time
tstg
2.5
ìs
Switching fall time
tf
1
ìs
hFE
DC current Gain


Similar Part No. - 2SC3233

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3233 TOSHIBA-2SC3233 Datasheet
165Kb / 3P
NPN TRIPLE DIFFUSED TYPE SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING, HIGH SPEED DC-DC CONVERTER APPLICATIONS)
logo
Inchange Semiconductor ...
2SC3233 ISC-2SC3233 Datasheet
294Kb / 2P
Silicon NPN Power Transistor
2SC3233 ISC-2SC3233 Datasheet
275Kb / 2P
Silicon NPN Power Transistor
2SC3233-251 ISC-2SC3233-251 Datasheet
294Kb / 2P
Silicon NPN Power Transistor
2SC3233-252 ISC-2SC3233-252 Datasheet
275Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - 2SC3233

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC3322 HITACHI-2SC3322 Datasheet
45Kb / 7P
Silicon NPN Triple Diffused
2SC4692 HITACHI-2SC4692 Datasheet
44Kb / 5P
SILICON NPN TRIPLE DIFFUSED DIFFUSED
logo
Renesas Technology Corp
2SC1515 RENESAS-2SC1515 Datasheet
160Kb / 5P
Silicon NPN Triple Diffused
2SD1126 RENESAS-2SD1126 Datasheet
147Kb / 7P
Silicon NPN Triple Diffused
2SD1133 RENESAS-2SD1133 Datasheet
145Kb / 6P
Silicon NPN Triple Diffused
2SC4647 RENESAS-2SC4647 Datasheet
146Kb / 7P
Silicon NPN Triple Diffused
2SC4913 RENESAS-2SC4913 Datasheet
145Kb / 7P
Silicon NPN Triple Diffused
2SD1976 RENESAS-2SD1976 Datasheet
150Kb / 7P
Silicon NPN Triple Diffused
2SD2337 RENESAS-2SD2337 Datasheet
147Kb / 7P
Silicon NPN Triple Diffused
logo
Guangdong Kexin Industr...
2SC4499S KEXIN-2SC4499S Datasheet
39Kb / 1P
Silicon NPN Triple Diffused
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com