Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3075 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC3075
Description  NPN Silicon Epitaxial Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC3075 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC3075 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
2.3
0.60+0.1
-0.1
6.50+0.15
-0.15
0.80+0.1
-0.1
4.60+0.15
-0.15
5.30+0.2
-0.2
2.30+0.1
-0.1
0.50+0.8
-0.7
0.127
max
TO-252
Unit: mm
1 Base
2 Collector
3 Emitter
www.kexin.com.cn
NPN Silicon Epitaxial Transistor
2SC3075
Features
Excellent Switching Times
tr=1.0ìs (Max.) tf=1.5ìs (Max.) at IC=0.5A
High colletor Breakdown Voltage: VCEO=400V
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector to base voltage
VCBO
500
V
Collector to emitter voltage
VCEO
400
V
Emitter to base voltage
VEBO
7V
Collector current (DC)
IC
0.8
A
Collector current (Pulse)
Icp
1.5
A
Base Current
IB
0.5
A
Total Power dissipation Ta = 25
1W
TC =25
10
W
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
PC
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
collector cutoff current
ICBO
VCB=400V,IE=0
100
ìA
emitter cutoff current
IEBO
VEB=7V,IC=0
100
ìA
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=1mA,IC=0
500
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=10mA,IB=0
400
V
VCE=5V,IC=0.1A
20
100
VCE=5V,IC=0.5A
10
Collector-Emitter Saturation Voltage
VCE(sat)
IC=0.1A,IB=0.01A
0.5
V
Base- Emitter Voltage
VBE(sat)
IC=0.1A,IB=0.01A
1
V
Switching time turn-0n time
tr
1
ìs
Switching storage time
tstg
2.5
ìs
Switching fall time
tf
1.5
ìs
hFE
DC current Gain


Similar Part No. - 2SC3075

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3075 TOSHIBA-2SC3075 Datasheet
208Kb / 4P
TRANSISTOR (SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING, HIGH SPEED DC-DC CONVERTER APPLICATIONS)
2SC3075 TOSHIBA-2SC3075 Datasheet
170Kb / 5P
Silicon NPN Triple Diffused Type (PCT process) Switching Regulator and High Voltage Switching
2SC3075 TOSHIBA-2SC3075 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SC3075 ISC-2SC3075 Datasheet
294Kb / 2P
Silicon NPN Power Transistor
2SC3075-251 ISC-2SC3075-251 Datasheet
294Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - 2SC3075

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com