Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4499S Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC4499S
Description  Silicon NPN Triple Diffused
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC4499S Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC4499S Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
2.3
0.60+0.1
-0.1
6.50+0.15
-0.15
0.80+0.1
-0.1
4.60+0.15
-0.15
5.30+0.2
-0.2
2.30+0.1
-0.1
0.50+0.8
-0.7
0.127
max
TO-252
Unit: mm
1 Base
2 Collector
3 Emitter
www.kexin.com.cn
Silicon NPN Triple Diffused
2SC4499S
Features
High speed and high voltage switching
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector to base voltage
VCBO
500
V
Collector to emitter voltage
VCEO
400
V
Emitter to base voltage
VEBO
10
V
Collector current
ICP
0.5
A
Collector peak current
IC
1A
Collector power dissipation
0.75
W
TC=25
10
W
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
PC
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector to emitter sustain voltage
VCEO(sus)
IC =0.1 A, RBE =
,L = 100 mH
400
V
Emitter to base breakdown voltage
V(BR)EBO
IE =10mA, IC =0
10
V
ICBO
VCB =400 V, IE =0
20
ICEO
VCE =350 V, RBE =
50
VCE =5V, IC =0.25A*1
12
VCE =5V, IC =0.5 A*1
5
Collector to emitter saturation voltage
VCE(sat)
IC =0.25A, IB =0.05A*1
1.0
V
Base to emitter saturation voltage
VBE(sat)
IC =0.25A, IB =0.05A*1
1.5
V
Turn on time
ton
IC =0.5 A, IB1 =-IB2 =0.1 A,
1.0
ìs
Storage time
tstg
VCC=150 V
2
ìs
Fall time
tf
1.0
ìs
*1Pulsetest.
Collector cutoff current
DC current transfer ratio
hFE
ìA


Similar Part No. - 2SC4499S

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC4499S HITACHI-2SC4499S Datasheet
39Kb / 8P
Silicon NPN Triple Diffused
logo
Renesas Technology Corp
2SC4499S RENESAS-2SC4499S Datasheet
158Kb / 9P
Silicon NPN Triple Diffused
More results

Similar Description - 2SC4499S

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC4797 HITACHI-2SC4797 Datasheet
20Kb / 4P
Silicon NPN Triple Diffused
2SC3322 HITACHI-2SC3322 Datasheet
45Kb / 7P
Silicon NPN Triple Diffused
2SC4692 HITACHI-2SC4692 Datasheet
44Kb / 5P
SILICON NPN TRIPLE DIFFUSED DIFFUSED
logo
Renesas Technology Corp
2SC1515 RENESAS-2SC1515 Datasheet
160Kb / 5P
Silicon NPN Triple Diffused
2SD1126 RENESAS-2SD1126 Datasheet
147Kb / 7P
Silicon NPN Triple Diffused
2SD1133 RENESAS-2SD1133 Datasheet
145Kb / 6P
Silicon NPN Triple Diffused
2SC4647 RENESAS-2SC4647 Datasheet
146Kb / 7P
Silicon NPN Triple Diffused
2SC4913 RENESAS-2SC4913 Datasheet
145Kb / 7P
Silicon NPN Triple Diffused
2SD1976 RENESAS-2SD1976 Datasheet
150Kb / 7P
Silicon NPN Triple Diffused
2SD2337 RENESAS-2SD2337 Datasheet
147Kb / 7P
Silicon NPN Triple Diffused
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com