Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5161 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC5161
Description  High Voltage Switching Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC5161 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC5161 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC5161 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
www.kexin.com.cn
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-base breakdown voltage
BVCBO
IC=50ìA
400
V
collector-emitter breakdown voltage
BVCEO
IC=1mA
400
V
collector-emitter voltage
VCEO(SUS)
IC=1.0A,IB1=0.1A,L=1mH
400
V
Emitter-base breakdown voltage
BVEBO
IE=50ìA
7
V
collecotr cutoff current
ICBO
VCB=400V
10
ìA
Emitter cutoff current
IEBO
VEB=7V
10
ìA
Collector to emitter saturation voltage
VCE(sat)
IC/IB=1A/0.2A
1
V
Base to emitter saturation voltage
VBE(sat)
IC/IB=1A/0.2A
1.5
V
DC current transfer ratio
hFE
VCE=5V,IC=0.1A
25
50
Transition frequency
fT
VCE=10V.IE=-0.1A.f=5MHz
10
MHz
Output capacitance
cob
VCB=10V,IE=0A,f=1MHz
30
pF
Turn-on time
ton
IC=0.8A,RL=250Ù
1ìs
Storage time
tstg
IB1=-IB2=0.08A
2.5
ìs
Fall time
tf
VCC=200V
1
ìs
hFE Classification
ltem
B
hFE
25to50
2SC5161



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com