Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5457 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC5457
Description  Silicon NPN triple diffusion planar type
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC5457 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC5457 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
2.3
0.60+0.1
-0.1
6.50+0.15
-0.15
0.80+0.1
-0.1
4.60+0.15
-0.15
5.30+0.2
-0.2
2.30+0.1
-0.1
0.50+0.8
-0.7
0.127
max
TO-252
Unit: mm
1 Base
2 Collector
3 Emitter
www.kexin.com.cn
Silicon NPN triple diffusion planar type
2SC5457
Features
High-speed switching
High collector to base voltage VCBO
Wide area of safe operation (ASO)
Satisfactory linearity of foward current transfer ratio hFE
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector to base voltage
VCBO
500
V
VCES
500
V
VCEO
400
V
Emitter to base voltage
VEBO
7V
Peak collector current
ICP
6A
Collector current
IC
3A
Base current
IB
1.2
A
Collector power dissipation TC =25
30
Ta = 25
1
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
PC
W
Collector to emitter voltage
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cutoff current
ICBO
VCB = 500V, IE = 0
100
ìA
Emitter cutoff current
IEBO
VEB =5V, IC = 0
100
ìA
Collector to emitter voltage
VCEO
IC = 10mA, IB = 0
400
V
VCE =5V, IC =0.1A
10
V
VCE =2V, IC =1.2A
8
40
Collector to emitter saturation voltage
VCE(sat)
IC =1.5A, IB =0.3A
1
Base to emitter saturation voltage
VBE(sat)
IC =1.5A, IB = 0.3A
1.5
V
Transition frequency
fT
VCE = 10V, IC = 0.2A, f = 1MHz
10
MHz
Turn-on time
ton
IC =1.5A, IB1 = 0.15A, IB2 =-0.3A,
1.0
Storage time
tstg
VCC = 200V
3.0
Fall time
tf
0.3
ìs
hFE
Forward current transfer ratio


Similar Part No. - 2SC5457

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC5457 PANASONIC-2SC5457 Datasheet
37Kb / 2P
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
More results

Similar Description - 2SC5457

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC5121 PANASONIC-2SC5121 Datasheet
38Kb / 2P
Silicon NPN triple diffusion planar type
2SD1742 PANASONIC-2SD1742 Datasheet
49Kb / 2P
Silicon NPN triple diffusion planar type
2SD2215 PANASONIC-2SD2215 Datasheet
49Kb / 2P
Silicon NPN triple diffusion planar type(Silicon NPN triple diffusion planar type)
2SC3496 PANASONIC-2SC3496 Datasheet
98Kb / 4P
Silicon NPN triple diffusion planar type
22SC5405 PANASONIC-22SC5405 Datasheet
37Kb / 2P
Silicon NPN triple diffusion planar type
2SC3870 PANASONIC-2SC3870 Datasheet
59Kb / 3P
Silicon NPN triple diffusion planar type
2SC5392 PANASONIC-2SC5392 Datasheet
158Kb / 3P
Silicon NPN triple diffusion planar type
logo
Guangdong Kexin Industr...
2SD2453 KEXIN-2SD2453 Datasheet
40Kb / 1P
Silicon NPN Triple Diffusion Planar Type
2SD1250 KEXIN-2SD1250 Datasheet
39Kb / 1P
Silicon NPN Triple Diffusion Planar Type
logo
Panasonic Semiconductor
2SD1264A-P PANASONIC-2SD1264A-P Datasheet
208Kb / 3P
Silicon NPN triple diffusion planar type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com