Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4597 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC4597
Description  Silicon NPN Triple Diffused Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC4597 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC4597 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC4597 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
1.27+0.1
-0.1
1.27+0.1
-0.1
5.08+0.1
-0.1
0.1max
2.54+0.2
-0.2
2.54
4.57+0.2
-0.2
0.4+0.2
-0.2
0.81+0.1
-0.1
TO-263
Unit:mm
1,Base
2,Collector
3,Emitter
Silicon NPN Triple Diffused Type
2SC4597
Features
Surface mount type device making the following possible.
Reduction in the number of manufacturing processes
for 2SC4597-applied equipment.
High density surface mount applications.
Small size of 2SC4597-applied equipment.
High breakdown voltage, high reliability.
Fast switching speed.
Wide ASO.
Adoption of MBIT process.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
500
V
Collector-emitter voltage
VCEO
400
V
Emitter-base voltage
VEBO
7V
Collector current ( DC)
IC
4
Collector current (Pulse) *
ICP
8
Base current
IB
1.5
A
Collector power dissipation
Ta = 25
1.65
TC =25
40
Junction temperature
Tj
150
Storage temperature range
Tstg
-55to+150
*PW
300ms, duty cycle
10%
PC
A
W


Similar Part No. - 2SC4597

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4597 SANYO-2SC4597 Datasheet
98Kb / 4P
Switching Regulator Applications
More results

Similar Description - 2SC4597

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD1408 TOSHIBA-2SD1408 Datasheet
105Kb / 2P
SILICON NPN TRIPLE DIFFUSED TYPE
2SC2793 TOSHIBA-2SC2793 Datasheet
211Kb / 2P
SILICON NPN TRIPLE DIFFUSED TYPE
2SD641 TOSHIBA-2SD641 Datasheet
92Kb / 3P
SILICON NPN TRIPLE DIFFUSED TYPE
2SC5368 TOSHIBA-2SC5368_06 Datasheet
133Kb / 4P
Silicon NPN Triple Diffused Type
2SC5459 TOSHIBA-2SC5459_07 Datasheet
141Kb / 4P
Silicon NPN Triple Diffused Type
2SC6034 TOSHIBA-2SC6034 Datasheet
180Kb / 5P
Silicon NPN Triple Diffused Type
logo
Guangdong Kexin Industr...
2SC3138 KEXIN-2SC3138 Datasheet
37Kb / 1P
Silicon NPN Triple Diffused Type
logo
KEC(Korea Electronics)
BF420 KEC-BF420 Datasheet
52Kb / 3P
SILICON NPN TRIPLE DIFFUSED TYPE
BF422 KEC-BF422 Datasheet
52Kb / 3P
SILICON NPN TRIPLE DIFFUSED TYPE
logo
Toshiba Semiconductor
2N3055 TOSHIBA-2N3055 Datasheet
186Kb / 2P
silicon NPN triple diffused type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com