Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM809 Datasheet(PDF) 4 Page - TelCom Semiconductor, Inc

Part # TCM809
Description  3-PIN UP RESET MONITORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TCM809 Datasheet(HTML) 4 Page - TelCom Semiconductor, Inc

  TCM809 Datasheet HTML 1Page - TelCom Semiconductor, Inc TCM809 Datasheet HTML 2Page - TelCom Semiconductor, Inc TCM809 Datasheet HTML 3Page - TelCom Semiconductor, Inc TCM809 Datasheet HTML 4Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
5-18
TELCOM SEMICONDUCTOR, INC.
PRELIMINARY INFORMATION
TYPICAL CHARACTERISTICS
TEMPERATURE (
°C)
20
25
30
35
15
10
5
0
20
25
30
15
10
5
0
–40
0
20
–20
40
60
85
Supply Current vs.Temperature
(No Load, TCM8xxR/S/T)
VCC = 5V
VCC = 3V
VCC = 1V
TEMPERATURE (
°C)
60
80
100
40
20
0
–40
0
20
–20
40
60
85
Power-Down Reset Delay vs. Temperature
(TCM8xxR/S/T)
VOD = VTH – VCC
VOD = 10mV
VOD = 20mV
VOD = 100mV
VOD = 200mV
TEMPERATURE (
°C)
–40
0
20
–20
40
60
85
Supply Current vs.Temperature
(No Load, TCM8xxL/M)
VCC = 5V
VCC = 3V
VCC = 1V
1.001
1.002
1.003
1.000
0.999
0.998
0.997
TEMPERATURE (
°C)
–40
0
20
–20
40
60
85
Normalized Reset Threshold vs. Temperature
TEMPERATURE (
°C)
240
245
250
235
230
225
–40
0
20
–20
40
60
85
Power-Up Reset Timeout vs. Temperature
TCM8xxL/M
TCM8xxR/S/T
TEMPERATURE (
°C)
100
120
140
80
60
40
20
0
–40
0
20
–20
40
60
85
Power-Down Reset Delay vs. Temperature
(TCM8xxL/M)
VOD = VTH – VCC
VOD = 10mV
VOD = 20mV
VOD = 100mV
VOD = 200mV
TCM809
TCM810
3-PIN
µP RESET MONITORS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com