Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9402CPD Datasheet(PDF) 13 Page - TelCom Semiconductor, Inc

Part # TC9402CPD
Description  VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC9402CPD Datasheet(HTML) 13 Page - TelCom Semiconductor, Inc

Back Button TC9402CPD Datasheet HTML 5Page - TelCom Semiconductor, Inc TC9402CPD Datasheet HTML 6Page - TelCom Semiconductor, Inc TC9402CPD Datasheet HTML 7Page - TelCom Semiconductor, Inc TC9402CPD Datasheet HTML 8Page - TelCom Semiconductor, Inc TC9402CPD Datasheet HTML 9Page - TelCom Semiconductor, Inc TC9402CPD Datasheet HTML 10Page - TelCom Semiconductor, Inc TC9402CPD Datasheet HTML 11Page - TelCom Semiconductor, Inc TC9402CPD Datasheet HTML 12Page - TelCom Semiconductor, Inc TC9402CPD Datasheet HTML 13Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
3-299
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
VOLTAGE-TO-FREQUENCY/
FREQUENCY-TO-VOLTAGE CONVERTERS
TC9400
TC9401
TC9402
In some cases, however, the TC9400 output must be
zero at power-on without a frequency input. In such cases,
a capacitor connected from pin 11 to VDD will usually be
sufficient to pulse the TC9400 and provide a power-on reset
(see Figure 11A). Where predictable power-on operation is
critical, a more complicated circuit, such as Figure 11B, may
be required.
VDD
14
11
1000pF
THRESHOLD
DETECTOR
1k
Ω
fIN
VDD
100k
Ω
1
µF
3
4
8
6
fIN
1
2
5
16
VCC
B
R
C
Q
VSS
A
CLRA
CD4538
(A)
(B)
TC9400
To TC 9400
Figure 11.
Power-On Operation/Reset
F/V POWER-ON RESET
In F/V mode, the TC9400 output voltage will occasion-
ally be at its maximum value when power is first applied. This
condition remains until the first pulse is applied to fIN. In most
frequency-measurement applications this is not a problem,
because proper operation begins as soon as the frequency
input is applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com