Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2946 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC2946
Description  NPN Silicon Epitaxial Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC2946 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC2946 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC2946 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
www.kexin.com.cn
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
collector cutoff current
ICBO
VCB=250V,IE=0
1
ìA
emitter cutoff current
IEBO
VEB=5V,IC=0
1
ìA
VCE=5V,IC=100mA
20
60
160
VCE=5V,IC=1A
15
Collector Saturation Voltage *
VCE(sat)
IC=1A,IB=0.1A
1
V
Base Satruation Voltage *
VBE(sat)
IC=1A,IB=0.1A
1.5
V
Turn-on Time
ton
1
Storage Time
tstg
2
Fall Time
tf
1
* Pulsed:PW
350ìs,Duty Cycle
2%
DC current Gain *
hFE
ìs
see Test circuit
hFE Classification
Marking
N
M
L
K
hFE
20to50
30to70
50to100
80 to 160
2SC2946
Switching Time(ton,tstg,tr)Test Circuit



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com