Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2735 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC2735
Description  Silicon NPN Epitaxial
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC2735 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC2735 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Silicon NPN Epitaxial
2SC2735
Features
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
30
V
Collector-emitter voltage
VCEO
20
V
Emitter-base voltage
VEBO
3V
Collector current
IC
50
mA
Collector power dissipation
PC
150
mW
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO IC = 10ìA , IE =0
30
V
Collector-emitter breakdown voltage
V(BR)CEO IC =1mA , RBE =
20
V
Emitter-base breakdown voltage
V(BR)EBO IE = 10ìA , IC =0
3
V
Collector cutoff current
ICBO
VCB =10V, IC =0
0.5
ìA
Collector to emitter saturation voltage
VCE(sat) IC =10mA, IB =5mA
1.0
V
DC current transfer ratio
hFE
VCE =10V, IC =5mA
40
Collector output capacitance
Cob
VCB =10V, IE =0, f =1MHz
0.85
1.5
pF
Gain bandwidth product
CG
VCC =6V, IC =2mA,f =900 MHz,
fosc = 930 MHz (0dBm) ,f = 30 MHz
600
1200
MHz
VOSC1
VCC =6V, IC = 5 mA, f = 930 MHz
210
mV
VOSC2
VCC =12V, IC =7mA, fOSC = 930 MHz
130
mV
Conversion gain
CG
VCC =12V, IC =2mA,f =200 MHz, fOSC
= 230 MHz (0dBm)
21
dB
Noise figure
NF
VCC =12V, IC =2mA, f =200 MHz,
fOSC = 230 MHz (0dBm)
6.5
dB
Oscillating output voltage
Marking
Marking
JC


Similar Part No. - 2SC2735

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC2735 HITACHI-2SC2735 Datasheet
46Kb / 10P
Silicon NPN Epitaxial
logo
Renesas Technology Corp
2SC2735 RENESAS-2SC2735 Datasheet
87Kb / 8P
Silicon NPN Epitaxial
logo
Inchange Semiconductor ...
2SC2735 ISC-2SC2735 Datasheet
144Kb / 4P
isc Silicon NPN RF Transistor
logo
SHENZHEN YONGERJIA INDU...
2SC2735 WINNERJOIN-2SC2735 Datasheet
127Kb / 1P
TRANSISTOR (NPN)
logo
Renesas Technology Corp
2SC2735JTL-E RENESAS-2SC2735JTL-E Datasheet
87Kb / 8P
Silicon NPN Epitaxial
More results

Similar Description - 2SC2735

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC1890A RENESAS-2SC1890A Datasheet
172Kb / 6P
Silicon NPN Epitaxial
2SC2853 RENESAS-2SC2853 Datasheet
169Kb / 7P
Silicon NPN Epitaxial
2SC4196 RENESAS-2SC4196 Datasheet
203Kb / 8P
Silicon NPN Epitaxial
2SC4197 RENESAS-2SC4197 Datasheet
125Kb / 10P
Silicon NPN Epitaxial
2SC4784 RENESAS-2SC4784 Datasheet
220Kb / 9P
Silicon NPN Epitaxial
2SC4901 RENESAS-2SC4901 Datasheet
86Kb / 8P
Silicon NPN Epitaxial
2SC4995 RENESAS-2SC4995 Datasheet
254Kb / 10P
Silicon NPN Epitaxial
2SD667 RENESAS-2SD667 Datasheet
159Kb / 6P
Silicon NPN Epitaxial
2SD1418 RENESAS-2SD1418 Datasheet
98Kb / 6P
Silicon NPN Epitaxial
2SC2396 RENESAS-2SC2396 Datasheet
145Kb / 7P
Silicon NPN Epitaxial
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com