Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSS84 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KSS84
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KSS84 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KSS84 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
Features
Low On-Resistance
Low Gate Threshold Voltage
Low Input Capacitance
Fast Switching Speed
Low Input/Output Leakage
Also Available in Lead Free Version
Absolute Maximum Ratings Ta = 25
unless otherwise specified
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDSS
-50
V
Drain-Gate Voltage RGS
20KÙ
VDGR
-50
V
Gate-Source Voltage
Continuous
VGSS
20
V
Drain Current *
Continuous
ID
-130
mA
Total Power Dissipation *
Pd
300
mW
Thermal Resistance, Junction to Ambient
RèJA
417
/W
Operating and Storage Temperature Range
Tj,TSTG
-55to+150
* Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch;
Marking
Marking
K84
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
1. Gate
2. Source
3. Drain
Electrical Characteristics Ta = 25
unless otherwise specified
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
BVDSS
VGS =0V, ID = -250ìA
-50
V
VDS =-50V, VGS =0V, TJ =25
-15
ìA
VDS =-50V, VGS =0V, TJ =125
-60
ìA
VDS =-25V, VGS =0V, TJ =25
-100
nA
Gate-Body Leakage
IGSS
VGS =
20V, VDS =0V
10
nA
Gate Threshold Voltage
VGS(th)
VDS =VGS,ID = -1mA
-0.8
-2.0
V
Static Drain-Source On-Resistance
RDS (ON)
VGS =-5V, ID = -0.100A
10
Ù
Forward Transconductance
gFS
VDS = -25V, ID = -0.1A
0.05
S
Input Capacitance
Ciss
45
pF
Output Capacitance
Coss
25
pF
Reverse Transfer Capacitance
Crss
12
pF
Turn-On Delay Time
tD(ON)
VDD =-30V, ID = -0.27A,
10
ns
Turn-Off Delay Time
tD(OFF)
RGEN = 50Ù, VGS = -10V
18
ns
IDSS
Zero Gate Voltage Drain Current
VDS =-25V, VGS = 0V,f = 1.0MHz
P-Channel Enhancement Mode Field Effect Transistor
KSS84


Similar Part No. - KSS84

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KSS8 ETC1-KSS8 Datasheet
133Kb / 2P
KS SERIES KEY SWITCHES
logo
Guangdong Kexin Industr...
KSS87 KEXIN-KSS87 Datasheet
52Kb / 2P
N-Channel Enhancement Mode Vertical D-MOS Transistor
More results

Similar Description - KSS84

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
DMP2104V DIODES-DMP2104V Datasheet
231Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30942 Rev. 3 - 2
logo
Chenmko Enterprise Co. ...
CHM2331PT CHENMKO-CHM2331PT Datasheet
482Kb / 3P
P-Channel Enhancement Mode Field Effect Transistor
CHM4431JPT CHENMKO-CHM4431JPT Datasheet
190Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
CHM4435AZPT CHENMKO-CHM4435AZPT Datasheet
199Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com