Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3122 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC3122
Description  Silicon NPN Epitaxial
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC3122 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC3122 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC3122 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Transistors
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cut-off current
ICBO
VCB = 25V, IE = 0
100
nA
Emitter cut-off current
IEBO
VEB =2V, IC = 0
100
nA
Collector-emitter breakdown voltage
V(BR)CEO IC=1mA,IB=0
30
V
DC current gain
hFE
VCE =10V, IC = 2 mA
60
150
300
Reverse Transfer Capacitance
Cre
VCB=10V,IE=0,f=1MHz
0.3
0.45
pF
Transition Frequency
fT
VCE =10V, IC = 2mA
400
650
MHz
Power Gain
Gpe
Vce=12V,VAGC=1.4V,f=200MHz
20
24
28
dB
Noise Figure
NF
2.0
3.2
dB
AGC Voltage
VAGC
3.6
4.4
5.1
V
*VAGC measured by test circuit shown in Fig.1 when power gain is reduced to 30dB compared that of VAGC at 1.4V
VCC=12V,GR=30dB,f=200MHZ *
Marking
Marking
HD
2SC3122



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com