Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC54VC3401ECB Datasheet(PDF) 3 Page - TelCom Semiconductor, Inc

Part # TC54VC3401ECB
Description  VOLTAGE DETECTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC54VC3401ECB Datasheet(HTML) 3 Page - TelCom Semiconductor, Inc

  TC54VC3401ECB Datasheet HTML 1Page - TelCom Semiconductor, Inc TC54VC3401ECB Datasheet HTML 2Page - TelCom Semiconductor, Inc TC54VC3401ECB Datasheet HTML 3Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
4-281
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TC54
VOLTAGE DETECTOR
TIMING CHART
MARKING
8
12
4
7
11
3
6
10
2
5
9
1
VIN
DETECT VOLTAGE VDET
MINIMUM OPERATING
VOLTAGE
VHYST
VDET
OUTPUT VOLTAGE
RELEASE
VOLTAGE
RESET
VOLTAGE
OR
GROUND LEVEL
GROUND LEVEL
+
–
= output (Nch or CMOS) plus first voltage digit
23 45 6
Nch
M N P R S
CMOS
C D E F H
ex: CMOS 3.x =
kkkk
= first voltage decimal (0-9)
ex: CMOS 3.4 =
kkkk
&
= assembly lot number
D
D4
,
&
= 54_ (fixed)
= output (C = CMOS, N = Nch)
= first voltage digit (2-6)
= first voltage decimal (0-9)
= extra feature code : fixed : 0
= detecting accuracy
1 =
± 1.0% (custom), 2 = ± 2.0% (standard)
,
,
&
= assembly lot number
SOT-89-3
SOT-23A-3
TO-92
DESCRIPTION OF OPERATION
Refer to the Timing Chart below. In normal steady-state
operation, when VIN > V
–
DET, the output will be at a logic high.
In the case of the TC54V, this is an open-drain condition. If
and when the input falls below V
–
DET, the output will pull down
(Logic 0) to VSS. Generally, VOUT can pull down to within
0.5V of VSS at rated output current and input voltage. (See
the Electrical Characteristics section).
The output, VOUT, will stay valid until the input voltage
falls below the Minimum Operating Voltage, VIN(MIN), of
1.5V. Below this minimum operating voltage, the output is
undefined. During power-up or anytime VIN has fallen below
VIN (MIN), VOUT will remain undefined until VIN rises above
VIN(MIN), at which time the output will become valid. VOUT
will be in its active low state while VIN(MIN) < VIN < V+DET.
(V+DET = V
–
DET + VHYST). If and when the input rises above
V
+
DET, the output will assume its inactive state. (High for
TC54VC, open-drain for TC54VN).
APPLICATIONS
Refer to TelCom Semiconductor Application Note #2,
Using the TC54 Voltage Detector.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com